Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC1212D080HN-C1 Arkusz danych(PDF) 4 Page - Integrated Device Technology

Numer części ADC1212D080HN-C1
Szczegółowy opis  Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1212D080HN-C1 Arkusz danych(HTML) 4 Page - Integrated Device Technology

  ADC1212D080HN-C1 Datasheet HTML 1Page - Integrated Device Technology ADC1212D080HN-C1 Datasheet HTML 2Page - Integrated Device Technology ADC1212D080HN-C1 Datasheet HTML 3Page - Integrated Device Technology ADC1212D080HN-C1 Datasheet HTML 4Page - Integrated Device Technology ADC1212D080HN-C1 Datasheet HTML 5Page - Integrated Device Technology ADC1212D080HN-C1 Datasheet HTML 6Page - Integrated Device Technology ADC1212D080HN-C1 Datasheet HTML 7Page - Integrated Device Technology ADC1212D080HN-C1 Datasheet HTML 8Page - Integrated Device Technology ADC1212D080HN-C1 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
ADC1212D_SER 3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
4 of 40
Integrated Device Technology
ADC1212D series
Dual 12-bit ADC: CMOS or LVDS DDR digital outputs
VCMB
13
O
common-mode output voltage; channel B
AGND
14
G
analog ground
INBM
15
I
complementary analog input; channel B
INBP
16
I
analog input; channel B
VDDA
17
P
analog power supply
VDDA
18
P
analog power supply
SCLK/DFS
19
I
SPI clock/data format select
SDIO/ODS
20
I/O
SPI data input/output/output data standard
CS
21
I
SPI chip select, active LOW
CTRL
22
I
control mode select
DECB
23
O
regulator decoupling node; channel B
OTRB
24
O
out-of-range; channel B
DB11
25
O
data output bit 11 (Most Significant Bit (MSB)); channel B
DB10
26
O
data output bit 10; channel B
DB9
27
O
data output bit 9; channel B
DB8
28
O
data output bit 8; channel B
DB7
29
O
data output bit 7; channel B
DB6
30
O
data output bit 6; channel B
VDDO
31
P
output power supply
VDDO
32
P
output power supply
DB5
33
O
data output bit 5; channel B
DB4
34
O
data output bit 4; channel B
DB3
35
O
data output bit 3; channel B
DB2
36
O
data output bit 2; channel B
DB1
37
O
data output bit 1; channel B
DB0
38
O
data output bit 0 (Least Significant Bit (LSB)); channel B
n.c.
39
-
not connected
n.c.
40
-
not connected
n.c.
41
-
not connected
DAV
42
O
data valid output clock
n.c.
43
-
not connected
n.c.
44
-
not connected
DA0
45
O
data output bit 0 (LSB); channel A
DA1
46
O
data output bit 1; channel A
DA2
47
O
data output bit 2; channel A
DA3
48
O
data output bit 3; channel A
VDDO
49
P
output power supply
VDDO
50
P
output power supply
DA4
51
O
data output bit 4; channel A
DA5
52
O
data output bit 5; channel A
DA6
53
O
data output bit 6; channel A
DA7
54
O
data output bit 7; channel A
DA8
55
O
data output bit 8; channel A
DA9
56
O
data output bit 9; channel A
Table 2.
Pin description (CMOS digital outputs) …continued
Symbol
Pin
Type [1]
Description


Podobny numer części - ADC1212D080HN-C1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
ADC1212D080HN PHILIPS-ADC1212D080HN Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 2-4 March 2011
More results

Podobny opis - ADC1212D080HN-C1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
ADC1212D PHILIPS-ADC1212D Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 2-4 March 2011
logo
Renesas Technology Corp
ADC1212D RENESAS-ADC1212D Datasheet
672Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1210S IDT-ADC1210S Datasheet
386Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
ADC1610S NXP-ADC1610S Datasheet
287Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com