Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC1213D125HN-C1 Arkusz danych(PDF) 8 Page - Integrated Device Technology

Numer części ADC1213D125HN-C1
Szczegółowy opis  Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1213D125HN-C1 Arkusz danych(HTML) 8 Page - Integrated Device Technology

Back Button ADC1213D125HN-C1 Datasheet HTML 4Page - Integrated Device Technology ADC1213D125HN-C1 Datasheet HTML 5Page - Integrated Device Technology ADC1213D125HN-C1 Datasheet HTML 6Page - Integrated Device Technology ADC1213D125HN-C1 Datasheet HTML 7Page - Integrated Device Technology ADC1213D125HN-C1 Datasheet HTML 8Page - Integrated Device Technology ADC1213D125HN-C1 Datasheet HTML 9Page - Integrated Device Technology ADC1213D125HN-C1 Datasheet HTML 10Page - Integrated Device Technology ADC1213D125HN-C1 Datasheet HTML 11Page - Integrated Device Technology ADC1213D125HN-C1 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
ADC1213D_SER 8
© IDT 2012. All rights reserved.
Product data sheet
Rev. 08 — 2 July 2012
8 of 40
Integrated Device Technology
ADC1213D series
Dual 12-bit ADC; serial JESD204A interface
Reference voltage input/output: pin VREF
VVREF
voltage on pin VREF
output
0.5
-
1
V
input
0.5
-
1
V
Reference mode selection: pin SENSE
VSENSE
voltage on pin SENSE
-
pin AGND;
VVREF; VDDA
-V
Data outputs: pins CMLPA, CMLNA
Output levels, VDDD = 1.8 V; SWING_SEL[2:0] = 000
VOL
LOW-level output
voltage
DC coupled; output
-
1.5
-
V
AC coupled
-
1.35
-
V
VOH
HIGH-level output
voltage
DC coupled; output
-
1.8
-
V
AC coupled
-
1.65
-
V
Output levels, VDDD = 1.8 V; SWING_SEL[2:0] = 001
VOL
LOW-level output
voltage
DC coupled; output
-
1.45
-
V
AC coupled
-
1.275
-
V
VOH
HIGH-level output
voltage
DC coupled; output
-
1.8
-
V
AC coupled
-
1.625
-
V
Output levels, VDDD = 1.8 V; SWING_SEL[2:0] = 010
VOL
LOW-level output
voltage
DC coupled; output
-
1.4
-
V
AC coupled
-
1.2
-
V
VOH
HIGH-level output
voltage
DC coupled; output
-
1.8
-
V
AC coupled
-
1.6
-
V
Output levels, VDDD = 1.8 V; SWING_SEL[2:0] = 011
VOL
LOW-level output
voltage
DC coupled; output
-
1.35
-
V
AC coupled
-
1.125
-
V
VOH
HIGH-level output
voltage
DC coupled; output
-
1.8
-
V
AC coupled
-
1.575
-
V
Output levels, VDDD = 1.8 V; SWING_SEL[2:0] = 100
VOL
LOW-level output
voltage
DC coupled; output
-
1.3
-
V
AC coupled
-
1.05
-
V
VOH
HIGH-level output
voltage
DC coupled; output
-
1.8
-
V
AC coupled
-
1.55
-
V
Serial configuration: pins SYNCCP, SYNCCN
VIL
LOW-level input voltage differential; input
-
0.95
-
V
VIH
HIGH-level input voltage differential; input
-
1.47
-
V
Accuracy
INL
integral non-linearity
5-
+5
LSB
DNL
differential non-linearity
guaranteed no missing
codes
0.95
0.5
+0.95
LSB
Eoffset
offset error
-
2-
mV
EG
gain error
full-scale
-
 0.5
-
%
Table 5.
Static characteristics[1] …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Podobny numer części - ADC1213D125HN-C1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
ADC1213D125HN NXP-ADC1213D125HN Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 6-9 February 2011
ADC1213D125HN NXP-ADC1213D125HN Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
ADC1213D125HN/C1 NXP-ADC1213D125HN/C1 Datasheet
214Kb / 38P
   Dual 12-bit ADC; 65, 80, 105 or 125 Msps
Rev. 02-17 June 2009
ADC1213D125HN/C1 NXP-ADC1213D125HN/C1 Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
More results

Podobny opis - ADC1213D125HN-C1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
logo
Renesas Technology Corp
ADC1213D RENESAS-ADC1213D Datasheet
598Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D_11 Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 6-9 February 2011
logo
Integrated Device Techn...
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1213S NXP-ADC1213S Datasheet
666Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 1-14 March 2011
ADC1213S_1106 NXP-ADC1213S_1106 Datasheet
744Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
logo
Renesas Technology Corp
ADC1213S RENESAS-ADC1213S Datasheet
711Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com