Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC1215S Arkusz danych(PDF) 5 Page - Integrated Device Technology

Numer części ADC1215S
Szczegółowy opis  Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1215S Arkusz danych(HTML) 5 Page - Integrated Device Technology

  ADC1215S Datasheet HTML 1Page - Integrated Device Technology ADC1215S Datasheet HTML 2Page - Integrated Device Technology ADC1215S Datasheet HTML 3Page - Integrated Device Technology ADC1215S Datasheet HTML 4Page - Integrated Device Technology ADC1215S Datasheet HTML 5Page - Integrated Device Technology ADC1215S Datasheet HTML 6Page - Integrated Device Technology ADC1215S Datasheet HTML 7Page - Integrated Device Technology ADC1215S Datasheet HTML 8Page - Integrated Device Technology ADC1215S Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
ADC1215S_SER 3
© IDT All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
5 of 40
Integrated Device Technology
ADC1215S series
Single 12-bit ADC; input buffer; CMOS or LVDS DDR digital output
[1]
P: power supply; G: ground; I: input; O: output; I/O: input/output.
D11
17
O
data output bit 11 (Most Significant Bit (MSB))
D10
18
O
data output bit 10
D9
19
O
data output bit 9
D8
20
O
data output bit 8
D7
21
O
data output bit 7
D6
22
O
data output bit 6
D5
23
O
data output bit 5
D4
24
O
data output bit 4
D3
25
O
data output bit 3
D2
26
O
data output bit 2
D1
27
O
data output bit 1
D0
28
O
data output bit 0 (Least Significant Bit (LSB))
n.c.
29
-
not connected
n.c.
30
-
not connected
DAV
31
O
data valid output clock
n.c.
32
-
not connected
VDDO
33
P
output power supply
OGND
34
G
output ground
OTR
35
O
out of range
SCLK/DFS
36
I
SPI clock / data format select
SDIO/ODS
37
I/O
SPI data IO / output data standard
CS
38
I
SPI chip select
SENSE
39
I
reference programming pin
VREF
40
I/O
voltage reference input/output
Table 3.
Pin description (LVDS/DDR) digital outputs)
Symbol
Pin [1]
Type [2] Description
D10_D11_M 17
O
differential output data D10 and D11 multiplexed, complement
D10_D11_P
18
O
differential output data D10 and D11 multiplexed, true
D8_D9_M
19
O
differential output data D8 and D9 multiplexed, complement
D8_D9_P
20
O
differential output data D8 and D9 multiplexed, true
D6_D7_M
21
O
differential output data D6 and D7 multiplexed, complement
D6_D7_P
22
O
differential output data D6 and D7 multiplexed, true
D4_D5_M
23
O
differential output data D4 and D5 multiplexed, complement
D4_D5_P
24
O
differential output data D4 and D5 multiplexed, true
D2_D3_M
25
O
differential output data D2 and D3 multiplexed, complement
D2_D3_P
26
O
differential output data D2 and D3 multiplexed, true
D0_D1_M
27
O
differential output data D0 and D1 multiplexed, complement
D0_D1_P
28
O
differential output data D0 and D1 multiplexed, true
n.c.
29
-
not connected
Table 2.
Pin description (CMOS digital outputs) …continued
Symbol
Pin
Type [1]
Description


Podobny numer części - ADC1215S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
ADC1215S NXP-ADC1215S Datasheet
287Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
logo
Renesas Technology Corp
ADC1215S RENESAS-ADC1215S Datasheet
386Kb / 40P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1215S065HN/C1 NXP-ADC1215S065HN/C1 Datasheet
287Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
ADC1215S080HN/C1 NXP-ADC1215S080HN/C1 Datasheet
287Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
ADC1215S105HN/C1 NXP-ADC1215S105HN/C1 Datasheet
287Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
More results

Podobny opis - ADC1215S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
ADC1215S NXP-ADC1215S Datasheet
287Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
logo
Renesas Technology Corp
ADC1215S RENESAS-ADC1215S Datasheet
386Kb / 40P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1210S IDT-ADC1210S Datasheet
386Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1415S NXP-ADC1415S Datasheet
288Kb / 39P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
logo
Integrated Device Techn...
ADC1015S IDT-ADC1015S Datasheet
382Kb / 40P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1212D PHILIPS-ADC1212D Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 2-4 March 2011
logo
Renesas Technology Corp
ADC1212D RENESAS-ADC1212D Datasheet
672Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com