Zakładka z wyszukiwarką danych komponentów |
|
ADC1215S080HN-C1 Arkusz danych(PDF) 5 Page - Integrated Device Technology |
|
ADC1215S080HN-C1 Arkusz danych(HTML) 5 Page - Integrated Device Technology |
5 / 40 page ADC1215S_SER 3 © IDT All rights reserved. Product data sheet Rev. 03 — 2 July 2012 5 of 40 Integrated Device Technology ADC1215S series Single 12-bit ADC; input buffer; CMOS or LVDS DDR digital output [1] P: power supply; G: ground; I: input; O: output; I/O: input/output. D11 17 O data output bit 11 (Most Significant Bit (MSB)) D10 18 O data output bit 10 D9 19 O data output bit 9 D8 20 O data output bit 8 D7 21 O data output bit 7 D6 22 O data output bit 6 D5 23 O data output bit 5 D4 24 O data output bit 4 D3 25 O data output bit 3 D2 26 O data output bit 2 D1 27 O data output bit 1 D0 28 O data output bit 0 (Least Significant Bit (LSB)) n.c. 29 - not connected n.c. 30 - not connected DAV 31 O data valid output clock n.c. 32 - not connected VDDO 33 P output power supply OGND 34 G output ground OTR 35 O out of range SCLK/DFS 36 I SPI clock / data format select SDIO/ODS 37 I/O SPI data IO / output data standard CS 38 I SPI chip select SENSE 39 I reference programming pin VREF 40 I/O voltage reference input/output Table 3. Pin description (LVDS/DDR) digital outputs) Symbol Pin [1] Type [2] Description D10_D11_M 17 O differential output data D10 and D11 multiplexed, complement D10_D11_P 18 O differential output data D10 and D11 multiplexed, true D8_D9_M 19 O differential output data D8 and D9 multiplexed, complement D8_D9_P 20 O differential output data D8 and D9 multiplexed, true D6_D7_M 21 O differential output data D6 and D7 multiplexed, complement D6_D7_P 22 O differential output data D6 and D7 multiplexed, true D4_D5_M 23 O differential output data D4 and D5 multiplexed, complement D4_D5_P 24 O differential output data D4 and D5 multiplexed, true D2_D3_M 25 O differential output data D2 and D3 multiplexed, complement D2_D3_P 26 O differential output data D2 and D3 multiplexed, true D0_D1_M 27 O differential output data D0 and D1 multiplexed, complement D0_D1_P 28 O differential output data D0 and D1 multiplexed, true n.c. 29 - not connected Table 2. Pin description (CMOS digital outputs) …continued Symbol Pin Type [1] Description |
Podobny numer części - ADC1215S080HN-C1 |
|
Podobny opis - ADC1215S080HN-C1 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |