Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC1413D080HN-C1 Arkusz danych(PDF) 9 Page - Integrated Device Technology

Numer części ADC1413D080HN-C1
Szczegółowy opis  Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1413D080HN-C1 Arkusz danych(HTML) 9 Page - Integrated Device Technology

Back Button ADC1413D080HN-C1 Datasheet HTML 5Page - Integrated Device Technology ADC1413D080HN-C1 Datasheet HTML 6Page - Integrated Device Technology ADC1413D080HN-C1 Datasheet HTML 7Page - Integrated Device Technology ADC1413D080HN-C1 Datasheet HTML 8Page - Integrated Device Technology ADC1413D080HN-C1 Datasheet HTML 9Page - Integrated Device Technology ADC1413D080HN-C1 Datasheet HTML 10Page - Integrated Device Technology ADC1413D080HN-C1 Datasheet HTML 11Page - Integrated Device Technology ADC1413D080HN-C1 Datasheet HTML 12Page - Integrated Device Technology ADC1413D080HN-C1 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
ADC1413D_SER 7
© IDT 2012. All rights reserved.
Product data sheet
Rev. 07 — 2 July 2012
9 of 41
Integrated Device Technology
ADC1413D series
Dual 14-bit ADC; serial JESD204A interface
[1]
Typical values measured at VDDA =3V, VDDD = 1.8 V, Tamb =25 C. Minimum and maximum values are across the full temperature
range Tamb = 40 C to +85 C at VDDA =3 V, VDDD = 1.8 V; VI (INAP, INBP)  VI (INAM, INBM) = 1 dBFS; internal reference mode;
100
 differential applied to serial outputs; unless otherwise specified.
DNL
differential non-linearity
guaranteed no missing
codes
0.95
0.5
+0.95
LSB
Eoffset
offset error
-
2-
mV
EG
gain error
full-scale
-
 0.5
-
%
MG(CTC)
channel-to-channel gain
matching
-1.1
-
%
Supply
PSRR
power supply rejection
ratio
200 mV (p-p) on pin
VDDA; fi =DC
-
54
-
dB
Table 5.
Static characteristics[1] …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Podobny numer części - ADC1413D080HN-C1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
ADC1413D080HN NXP-ADC1413D080HN Datasheet
216Kb / 38P
   Dual 14 bits ADC; 65, 80, 105 or 125 Msps; serial JESD204A interface
Rev. 02-4 June 2009
ADC1413D080HN NXP-ADC1413D080HN Datasheet
1Mb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 5-9 February 2011
ADC1413D080HN PHILIPS-ADC1413D080HN Datasheet
727Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
ADC1413D080HN/C1 NXP-ADC1413D080HN/C1 Datasheet
391Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 04-23 April 2010
More results

Podobny opis - ADC1413D080HN-C1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1413D_1106 PHILIPS-ADC1413D_1106 Datasheet
727Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
ADC1413D NXP-ADC1413D Datasheet
391Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 04-23 April 2010
ADC1413D NXP-ADC1413D_11 Datasheet
1Mb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 5-9 February 2011
ADC1413S NXP-ADC1413S Datasheet
805Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 2-8 June 2011
logo
Renesas Technology Corp
ADC1413S RENESAS-ADC1413S Datasheet
773Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1413S IDT-ADC1413S Datasheet
769Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com