Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC1443D Arkusz danych(PDF) 7 Page - Integrated Device Technology

Numer części ADC1443D
Szczegółowy opis  Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1443D Arkusz danych(HTML) 7 Page - Integrated Device Technology

Back Button ADC1443D Datasheet HTML 3Page - Integrated Device Technology ADC1443D Datasheet HTML 4Page - Integrated Device Technology ADC1443D Datasheet HTML 5Page - Integrated Device Technology ADC1443D Datasheet HTML 6Page - Integrated Device Technology ADC1443D Datasheet HTML 7Page - Integrated Device Technology ADC1443D Datasheet HTML 8Page - Integrated Device Technology ADC1443D Datasheet HTML 9Page - Integrated Device Technology ADC1443D Datasheet HTML 10Page - Integrated Device Technology ADC1443D Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
ADC1443D_SER
© IDT 2012. All rights reserved.
Objective data sheet
Rev. 03 — 19 July 2012
7 of 49
Integrated Device Technology
ADC1443D series
Dual 14-bit ADC; 125, 160 or 200 Msps; JESD204A/B serial outputs
7. Limiting values
8. Thermal characteristics
[1]
In compliance with JEDEC test board, in free air.
9. Static characteristics
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDDA
analog supply
voltage
0.3
+2.1
V
VDDO
output supply
voltage
0.3
+2.1
V
VDD
supply voltage
difference
VDDA  VDDO
0.8
+0.8
V
VI
input voltage
pins INP, INM, CLKP, CLKM,
SYSREFP, and SYSREFN;
referenced to AGND
0.3
VDDA +0.3
V
pins SCS_N, SDIO, SCLK, CFG,
SCR_EN, SYNCBP, and
SYNCBN; referenced to OGND
0.3
VDDO +0.3 V
VO
output voltage
pin VCM; referenced to AGND
0.3
VDDA +0.3
V
pins OTR, CMLP, and CMLN;
referenced to OGND
0.3
VDDO +0.3 V
Tstg
storage temperature
55
+125
C
Tamb
ambient
temperature
40
+85
C
Tj
junction
temperature
-125
C
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
[1] <tbd>
K/W
Rth(j-c)
thermal resistance from junction to case
[1] <tbd>
K/W
Table 5.
Static characteristics[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDDA
analog supply voltage
1.7
1.8
1.9
V
VDDO
output supply voltage
1.7
1.8
1.9
V
IDDA
analog supply current
fs =185 Msps;
fi = 190 MHz
-
410
<tbd>
mA
IDDO
output supply current
fs =185 Msps;
fi = 190 MHz
-
173
<tbd>
mA


Podobny numer części - ADC1443D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ADC1443D RENESAS-ADC1443D Datasheet
4Mb / 53P
   Dual 14-bit ADC; 125, 160 or 185 Msps; JESD204A/B serial outputs
6 June 2014
logo
Integrated Device Techn...
ADC1443D125HD IDT-ADC1443D125HD Datasheet
928Kb / 50P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B-compliant CGVxpress serial outputs
ADC1443D125HD-C1 IDT-ADC1443D125HD-C1 Datasheet
928Kb / 50P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B-compliant CGVxpress serial outputs
ADC1443D160HD IDT-ADC1443D160HD Datasheet
928Kb / 50P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B-compliant CGVxpress serial outputs
ADC1443D200HD IDT-ADC1443D200HD Datasheet
928Kb / 50P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B-compliant CGVxpress serial outputs
More results

Podobny opis - ADC1443D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
ADC1443D125HD-C1 IDT-ADC1443D125HD-C1 Datasheet
928Kb / 50P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B-compliant CGVxpress serial outputs
logo
Renesas Technology Corp
ADC1443D RENESAS-ADC1443D Datasheet
4Mb / 53P
   Dual 14-bit ADC; 125, 160 or 185 Msps; JESD204A/B serial outputs
6 June 2014
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ADC1453D RENESAS-ADC1453D Datasheet
3Mb / 49P
   Dual 14-bit ADC; up to 246 Msps; JESD204B serial outputs
6 June 2014
logo
Intersil Corporation
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com