Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC1415S080HN-C1 Arkusz danych(PDF) 10 Page - Integrated Device Technology

Numer części ADC1415S080HN-C1
Szczegółowy opis  Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1415S080HN-C1 Arkusz danych(HTML) 10 Page - Integrated Device Technology

Back Button ADC1415S080HN-C1 Datasheet HTML 6Page - Integrated Device Technology ADC1415S080HN-C1 Datasheet HTML 7Page - Integrated Device Technology ADC1415S080HN-C1 Datasheet HTML 8Page - Integrated Device Technology ADC1415S080HN-C1 Datasheet HTML 9Page - Integrated Device Technology ADC1415S080HN-C1 Datasheet HTML 10Page - Integrated Device Technology ADC1415S080HN-C1 Datasheet HTML 11Page - Integrated Device Technology ADC1415S080HN-C1 Datasheet HTML 12Page - Integrated Device Technology ADC1415S080HN-C1 Datasheet HTML 13Page - Integrated Device Technology ADC1415S080HN-C1 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
10. Dynamic characteristics
10.1 Dynamic characteristics
Table 7.
Dynamic characteristics[1]
Symbol
Parameter
Conditions
ADC1415S065
ADC1415S080
ADC1415S105
ADC1415S125
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Analog signal processing
2H
second
harmonic level
fi = 3 MHz
-
87
--87
--86
-
-
88
-
dBc
fi = 30 MHz
-86
--86
--86
-
-
87
-
dBc
fi = 70 MHz
-85
--85
--84
-
-
85
-
dBc
fi = 170 MHz
-
82
--82
--81
-
-
83
-
dBc
3H
third harmonic
level
fi = 3 MHz
-
86
--86
--85
-
-
87
-
dBc
fi = 30 MHz
-85
--85
--85
-
-
86
-
dBc
fi = 70 MHz
-84
--84
--83
-
-
84
-
dBc
fi = 170 MHz
-
81
--81
--80
-
-
82
-
dBc
THD
total harmonic
distortion
fi = 3 MHz
-
83
--83
--82
-
-
84
-
dBc
fi = 30 MHz
-82
--82
--82
-
-
83
-
dBc
fi = 70 MHz
-81
--81
--80
-
-
81
-
dBc
fi = 170 MHz
-
78
--78
--77
-
-
79
-
dBc
ENOB
effective
number of bits
fi = 3 MHz
-
11.7
-
-
11.7
-
-
11.6
-
-
11.6
-
bits
fi = 30 MHz
-
11.6
-
-
11.5
-
-
11.5
-
-
11.5
-
bits
fi = 70 MHz
-
11.5
-
-
11.5
-
-
11.4
-
-
11.4
-
bits
fi = 170 MHz
-
11.4
-
-
11.4
-
-
11.3
-
-
11.3
-
bits
SNR
signal-to-
noise ratio
fi = 3 MHz
-
72.1
-
-
72.0
-
-
71.8
-
-
71.4
-
dBFS
fi = 30 MHz
-
71.3
-
-
71.2
-
-
71.2
-
-
71.1
-
dBFS
fi = 70 MHz
-
70.7
-
-
70.7
-
-
70.6
-
-
70.5
-
dBFS
fi = 170 MHz
-
70.2
-
-
70.1
-
-
70.0
-
-
69.9
-
dBFS
SFDR
spurious-
free dynamic
range
fi = 3 MHz
-
86
--86
--85
-
-
87
-
dBc
fi = 30 MHz
-85
--85
--85
-
-
86
-
dBc
fi = 70 MHz
-84
--84
--83
-
-
84
-
dBc
fi = 170 MHz
-
81
--81
--80
-
-
82
-
dBc


Podobny numer części - ADC1415S080HN-C1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
ADC1415S080HN PHILIPS-ADC1415S080HN Datasheet
304Kb / 42P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Mspswith input buffer; CMOS or LVDS DDR digital outputs
Rev. 4-17 December 2010
ADC1415S080HN/C1 NXP-ADC1415S080HN/C1 Datasheet
288Kb / 39P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
ADC1415S080HN/C1 NXP-ADC1415S080HN/C1 Datasheet
184Kb / 33P
   Single 14-bit ADC 65, 80, 105 or 125 Msps with Input Buffer CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
More results

Podobny opis - ADC1415S080HN-C1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
ADC1415S NXP-ADC1415S Datasheet
288Kb / 39P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
logo
Integrated Device Techn...
ADC1410S IDT-ADC1410S Datasheet
539Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1410S RENESAS-ADC1410S Datasheet
543Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1015S IDT-ADC1015S Datasheet
382Kb / 40P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
ADC1215S NXP-ADC1215S Datasheet
287Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
logo
Integrated Device Techn...
ADC1215S IDT-ADC1215S Datasheet
383Kb / 40P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com