Zakładka z wyszukiwarką danych komponentów |
|
ADS7863IRGERG4 Arkusz danych(PDF) 8 Page - Texas Instruments |
|
ADS7863IRGERG4 Arkusz danych(HTML) 8 Page - Texas Instruments |
8 / 43 page CLOCK CONVST 10ns Cyc e l 1 Cyc e l 2 A B C 10ns 5ns 5ns ADS7863 SBAS383E – JUNE 2007 – REVISED JANUARY 2011 www.ti.com TIMING CHARACTERISTICS (continued) NOTE: All CONVST commands that occur more than 10ns before the rising edge of cycle ‘1’ of the external clock (Region ‘A’) initiate a conversion on the rising edge of cycle ‘1’. All CONVST commands that occur 5ns after the rising edge of cycle ‘1’ or 10ns before the rising edge of cycle 2 (Region ‘B’) initiate a conversion on the rising edge of cycle ‘2’. All CONVST commands that occur 5ns after the rising edge of cycle ‘2’ (Region ‘C’) initiate a conversion on the rising edge of the next clock period. The CONVST pin should never be switched from LOW to HIGH in the region 10ns prior to the rising edge of the CLOCK and 5ns after the rising edge (gray areas). If CONVST is toggled in this gray area, the conversion could begin on either the same rising edge of the CLOCK or the following edge. Figure 2. CONVST Timing TIMING REQUIREMENTS (1) Over recommended operating free-air temperature range at –40°C to +125°C, AVDD = 5V, and BVDD = 2.7V to 5V, unless otherwise noted. ADS7863 SYMBOL PARAMETER COMMENTS MIN MAX UNIT tCONV Conversion time fCLOCK = 32MHz 406.25 ns tACQ Acquisition time fCLOCK = 32MHz 62.5 ns fCLOCK CLOCK frequency See Figure 1 1 32 MHz tCLOCK CLOCK period See Figure 1 31.25 1000 ns tCKL CLOCK low time See Figure 1 9.4 ns tCKH CLOCK high time See Figure 1 9.4 ns t1 CONVST high time See Figure 1 20 ns t2 SDI setup time to CLOCK falling edge See Figure 1 10 ns t3 SDI hold time to CLOCK falling edge See Figure 1 5 ns t4 RD high setup time to CLOCK falling edge See Figure 1 10 ns t5 RD high hold time to CLOCK falling edge See Figure 1 5 ns t6 CONVST low time See Figure 1 1 tCLOCK t7 RD low time relative to CLOCK falling edge See Figure 1 1 tCLOCK t8 CS low to SDOx valid See Figure 1 13 ns See Figure 1, 4 11 ns CLOCK rising edge to DATA valid delay 2.7V ≤ BVDD ≤ 3.6V t9 (MIN = minimum hold time of current data; See Figure 1, MAX = maximum delay to new data valid) 3 9 ns 4.5V ≤ BVDD ≤ 5.5V t10 CONVST rising edge to BUSY high delay(2) See Figure 1 3 ns t11 CLOCK rising edge to BUSY low delay See Figure 1 3 ns t12 CS low to RD high delay See Figure 1 10 ns (1) All input signals are specified with tR = tF = 1.5ns (10% to 90% of BVDD) and timed from a voltage level of (VIL + VIH)/2. (2) Not applicable in auto-NAP power-down mode. 8 Submit Documentation Feedback Copyright © 2007–2011, Texas Instruments Incorporated Product Folder Link(s): ADS7863 |
Podobny numer części - ADS7863IRGERG4 |
|
Podobny opis - ADS7863IRGERG4 |