Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC1610S065HN-C1 Arkusz danych(PDF) 7 Page - Integrated Device Technology

Numer części ADC1610S065HN-C1
Szczegółowy opis  Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1610S065HN-C1 Arkusz danych(HTML) 7 Page - Integrated Device Technology

Back Button ADC1610S065HN-C1 Datasheet HTML 3Page - Integrated Device Technology ADC1610S065HN-C1 Datasheet HTML 4Page - Integrated Device Technology ADC1610S065HN-C1 Datasheet HTML 5Page - Integrated Device Technology ADC1610S065HN-C1 Datasheet HTML 6Page - Integrated Device Technology ADC1610S065HN-C1 Datasheet HTML 7Page - Integrated Device Technology ADC1610S065HN-C1 Datasheet HTML 8Page - Integrated Device Technology ADC1610S065HN-C1 Datasheet HTML 9Page - Integrated Device Technology ADC1610S065HN-C1 Datasheet HTML 10Page - Integrated Device Technology ADC1610S065HN-C1 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
ADC1610S_SER 4
© IDT 2012. All rights reserved.
Product data sheet
Rev. 04 — 2 July 2012
7 of 38
Integrated Device Technology
ADC1610S series
Single 16-bit ADC; CMOS or LVDS DDR digital output
Digital outputs, CMOS mode: pins D15 to D0, OTR, DAV
Output levels, VDDO =3V
VOL
LOW-level output voltage
OGND
-
0.2VDDO V
VOH
HIGH-level output voltage
0.8VDDO -VDDO
V
CO
output capacitance
high impedance; OE =HIGH
-
3
-
pF
Output levels, VDDO = 1.8 V
VOL
LOW-level output voltage
OGND
-
0.2VDDO V
VOH
HIGH-level output voltage
0.8VDDO -VDDO
V
Digital outputs, LVDS mode: pins D14_D15_P to D0_D1_P, D14_D15_M to D0_D1_M, DAVP and DAVM
Output levels, VDDO = 3 V only, RL = 100 
VO(offset)
output offset voltage
output buffer current set to
3.5 mA
-1.2
-
V
VO(dif)
differential output voltage
output buffer current set to
3.5 mA
-350
-
mV
CO
output capacitance
-
3
-
pF
Analog inputs: pins INP and INM
II
input current
5-
+5
A
Ri(dif)
differential input resistance
-
19.8
-
k
Ci(dif)
differential input capacitance
-
2.8
-
pF
VI(cm)
common-mode input voltage
VINP =VINM
1.1
1.5
2.5
V
Bi
input bandwidth
-
650
-
MHz
VI(dif)
differential input voltage
peak-to-peak
1
-
2
V
Common-mode output voltage: pin VCM
VO(cm)
common-mode output voltage
-
VDDA /2 -
V
IO(cm)
common-mode output current
-
4
-
mA
I/O reference voltage: pin VREF
VVREF
voltage on pin VREF
output
0.5
-
1
V
input
0.5
-
1
V
Accuracy
INL
integral non-linearity
-
4-
LSB
DNL
differential non-linearity
guaranteed no missing codes
0.95
0.5
+0.95
LSB
Eoffset
offset error
-
2-
mV
EG
gain error
full-scale
-
0.5
-
%
Table 6.
Static characteristics[1] …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Podobny numer części - ADC1610S065HN-C1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
ADC1610S065HN PHILIPS-ADC1610S065HN Datasheet
311Kb / 40P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 3-25 January 2011
ADC1610S065HN/C1 NXP-ADC1610S065HN/C1 Datasheet
287Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
More results

Podobny opis - ADC1610S065HN-C1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
ADC1610S NXP-ADC1610S Datasheet
287Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
logo
Renesas Technology Corp
ADC1610S RENESAS-ADC1610S Datasheet
357Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1610S PHILIPS-ADC1610S_11 Datasheet
311Kb / 40P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 3-25 January 2011
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1210S IDT-ADC1210S Datasheet
386Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
ADC1010S NXP-ADC1010S Datasheet
284Kb / 36P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1010S RENESAS-ADC1010S Datasheet
390Kb / 37P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1010S IDT-ADC1010S Datasheet
386Kb / 37P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com