Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC1001D125HL Arkusz danych(PDF) 3 Page - Integrated Device Technology

Numer części DAC1001D125HL
Szczegółowy opis  Dual 10-bit DAC, up to 125 Msps
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1001D125HL Arkusz danych(HTML) 3 Page - Integrated Device Technology

  DAC1001D125HL Datasheet HTML 1Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 2Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 3Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 4Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 5Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 6Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 7Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 8Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
DAC1001D125 3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
3 of 25
Integrated Device Technology
DAC1001D125
Dual 10-bit DAC, up to 125 Msps
6. Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration SOT313-2 (LQFP48)
DAC1001D125HL
DA9
n.c.
DA8
n.c.
DA7
n.c.
DA6
n.c.
DA5
DB0
DA4
DB1
DA3
DB2
DA2
DB3
DA1
DB4
DA0
DB5
n.c.
DB6
n.c.
DB7
001aai945
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
Table 2.
Pin description
Symbol
Pin
Type[1]
Description
DA9
1
I
DAC A, data input bit 9 (MSB)
DA8
2
I
DAC A, data input bit 8
DA7
3
I
DAC A, data input bit 7
DA6
4
I
DAC A, data input bit 6
DA5
5
I
DAC A, data input bit 5
DA4
6
I
DAC A, data input bit 4
DA3
7
I
DAC A, data input bit 3
DA2
8
I
DAC A, data input bit 2
DA1
9
I
DAC A, data input bit 1
DA0
10
I
DAC A, data input bit 0 (LSB)
n.c.
11
not connected
n.c.
12
not connected
n.c.
13
not connected


Podobny numer części - DAC1001D125HL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
DAC1001D125HL NXP-DAC1001D125HL Datasheet
249Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
Rev. 01-24 November 2008
More results

Podobny opis - DAC1001D125HL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
DAC1001D125 RENESAS-DAC1001D125 Datasheet
385Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1001D125 NXP-DAC1001D125 Datasheet
249Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
Rev. 01-24 November 2008
logo
Renesas Technology Corp
DAC1401D125 RENESAS-DAC1401D125 Datasheet
461Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1401D125 NXP-DAC1401D125 Datasheet
359Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
Rev. 01-13 November 2008
logo
Integrated Device Techn...
DAC1201D125 IDT-DAC1201D125 Datasheet
401Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1201D125 RENESAS-DAC1201D125 Datasheet
405Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1201D125 NXP-DAC1201D125 Datasheet
273Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
Rev. 01-27 November 2008
logo
Integrated Device Techn...
DAC1401D125 IDT-DAC1401D125 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
DAC1401D125HL-C1 IDT-DAC1401D125HL-C1 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1005D750 RENESAS-DAC1005D750 Datasheet
418Kb / 43P
   Dual 10-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com