Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC1003D160 Arkusz danych(PDF) 1 Page - Integrated Device Technology

Numer części DAC1003D160
Szczegółowy opis  Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1003D160 Arkusz danych(HTML) 1 Page - Integrated Device Technology

  DAC1003D160 Datasheet HTML 1Page - Integrated Device Technology DAC1003D160 Datasheet HTML 2Page - Integrated Device Technology DAC1003D160 Datasheet HTML 3Page - Integrated Device Technology DAC1003D160 Datasheet HTML 4Page - Integrated Device Technology DAC1003D160 Datasheet HTML 5Page - Integrated Device Technology DAC1003D160 Datasheet HTML 6Page - Integrated Device Technology DAC1003D160 Datasheet HTML 7Page - Integrated Device Technology DAC1003D160 Datasheet HTML 8Page - Integrated Device Technology DAC1003D160 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
®
DAC1003D160
Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
Rev. 03 — 2 July 2012
Product data sheet
1. General description
The DAC1003D160 is optimized to reduce architecture complexity and overall system
cost. The Digital-to-Analog Converter (DAC) leads dynamic performance in multi-carrier
support because of its direct IF conversion capabilities. With an internal sampling rate up
to 160 MHz, the DAC1003D160 is an extremely competitive solution for broadband
wireless systems transmitters, as well as a wide range of applications.
2. Features
Dual 10-bit resolution
Spurious Free Dynamic Range (SFDR) = 80 dBc at 2.5 MHz
Input data rate up to 80 MHz
2
 interpolation filter
Output data rate up to 160 Mhz
Single 3.3 V power supply
Low noise capacitor free integrated Phase-Locked Loop (PLL)
Low power dissipation
HTQFP80 package
Ambient temperature from
40 C to +85 C
3. Applications
Broadband wireless systems
Digital radio links
Cellular base stations
Instrumentation
Cable modems
Cable Modem Termination System (CMTS)/Data Over Cable Service Interface
Specification (DOCSIS)


Podobny numer części - DAC1003D160

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
DAC1003D160 NXP-DAC1003D160 Datasheet
120Kb / 19P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
Rev. 02-13 August 2008
logo
Renesas Technology Corp
DAC1003D160 RENESAS-DAC1003D160 Datasheet
437Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
2 July 2012
logo
NXP Semiconductors
DAC1003D160HW NXP-DAC1003D160HW Datasheet
120Kb / 19P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
Rev. 02-13 August 2008
logo
Renesas Technology Corp
DAC1003D160HW RENESAS-DAC1003D160HW Datasheet
437Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
2 July 2012
More results

Podobny opis - DAC1003D160

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
DAC1003D160 NXP-DAC1003D160 Datasheet
120Kb / 19P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
Rev. 02-13 August 2008
logo
Renesas Technology Corp
DAC1003D160 RENESAS-DAC1003D160 Datasheet
437Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
2 July 2012
logo
NXP Semiconductors
DAC1203D160 NXP-DAC1203D160 Datasheet
120Kb / 19P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Renesas Technology Corp
DAC1403D160 RENESAS-DAC1403D160 Datasheet
442Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
Integrated Device Techn...
DAC1203D160 IDT-DAC1203D160 Datasheet
434Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
DAC1403D160 IDT-DAC1403D160 Datasheet
439Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
logo
NXP Semiconductors
DAC1403D160 NXP-DAC1403D160 Datasheet
120Kb / 19P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Renesas Technology Corp
DAC1203D160 RENESAS-DAC1203D160 Datasheet
438Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
   Single 10 bits ADC, up to 20 MHz
2 July 2012
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com