Zakładka z wyszukiwarką danych komponentów |
|
DAC1201D125 Arkusz danych(PDF) 6 Page - Integrated Device Technology |
|
DAC1201D125 Arkusz danych(HTML) 6 Page - Integrated Device Technology |
6 / 26 page DAC1201D125 3 © IDT 2012. All rights reserved. Product data sheet Rev. 03 — 2 July 2012 6 of 26 Integrated Device Technology DAC1201D125 Dual 12-bit DAC, up to 125 Msps Digital inputs VIL LOW-level input voltage DGND - 0.9 V VIH HIGH-level input voltage 1.3 - VDDD V IIL LOW-level input current VIL =0.9 V - 5 - A IIH HIGH-level input current VIH =1.3 V - 5 - A Ci input capacitance [1] -5 - pF Analog outputs (IOUTAP, IOUTAN, IOUTBP and IOUTBN) IO(fs) full-scale output current differential outputs 2 - 20 mA VO output voltage compliance range [1] 1- +1.25 V Ro output resistance [1] - 150 - k Co output capacitance [1] -3 - pF Reference voltage input/output (REFIO) VO(ref) reference output voltage 1.21 1.26 1.31 V IO(ref) reference output current [1] - 100 - nA Vi input voltage compliance range 1.0 - 1.26 V Ri input resistance - 1 - M Input timing, see Figure 18 fs sampling frequency - - 125 Msps tw(WRT) WRT pulse width pins WRTA, WRTB 2 - - ns tw(CLK) CLK pulse width pins CLKA, CLKB 2 - - ns th(i) input hold time 1 - - ns tsu(i) input set-up time 1.8 - - ns Output timing (IOUTAP, IOUTAN, IOUTBP and IOUTBN) td delay time - 1 - ns tt transition time rising or falling transition (10 % to 90 % or 90 % to 10 %) [1] -0.6 - ns ts settling time 1LSB [1] -40 - ns Static linearity INL integral non-linearity 25 C 0.4 0.55 0.70 LSB 40 C to +85 C 0.3 - 0.75 LSB DNL differential non-linearity 40 C to +85 C 0.15 0.2 0.3 LSB Static accuracy (relative to full-scale) with GAINCTRL = 0 Eoffset offset error 0.02 - +0.02 % EG gain error with external reference 1.9 1.5 +2.5 % with internal reference 2.9 2.1 +2.9 % G gain mismatch between DAC A and DAC B 0.5 0.05 +0.5 % Table 5. Characteristics …continued VDDD = VDDA = 3.3 V; AGND and DGND connected together; IO(fs) = 20 mA and Tamb = 40 C to +85 C; typical values measured at Tamb =25 C. Symbol Parameter Conditions Min Typ Max Unit |
Podobny numer części - DAC1201D125 |
|
Podobny opis - DAC1201D125 |