Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC1203D160HW Arkusz danych(PDF) 6 Page - Integrated Device Technology

Numer części DAC1203D160HW
Szczegółowy opis  Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1203D160HW Arkusz danych(HTML) 6 Page - Integrated Device Technology

Back Button DAC1203D160HW Datasheet HTML 2Page - Integrated Device Technology DAC1203D160HW Datasheet HTML 3Page - Integrated Device Technology DAC1203D160HW Datasheet HTML 4Page - Integrated Device Technology DAC1203D160HW Datasheet HTML 5Page - Integrated Device Technology DAC1203D160HW Datasheet HTML 6Page - Integrated Device Technology DAC1203D160HW Datasheet HTML 7Page - Integrated Device Technology DAC1203D160HW Datasheet HTML 8Page - Integrated Device Technology DAC1203D160HW Datasheet HTML 9Page - Integrated Device Technology DAC1203D160HW Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
DAC1203D160_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
6 of 18
Integrated Device Technology
DAC1203D160
Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
7. Functional description
The DAC1203D160 is a segmented architecture composed of a 7-bit thermometer
sub-DAC and the remaining 5-bit in a binary weighted sub-DAC.
The device produces two complementary current outputs on both channels, respectively
pins IOUT/IOUTN and QOUT/QOUTN which need to be connected via a load resistor to
the ground.
Figure 3 shows the equivalent analog output circuit of one DAC, which consists of a
parallel combination of PMOS current sources and associated switches for each segment.
The cascode source configuration enables the increasing of the output impedance of the
source and set to improve the dynamic performance of the DAC by introducing less
distortion.
Figure 4 shows the internal reference configuration. In this case the bias current is given
by the output of the internal regulator connected to the inverting input of the internal
operational amplifiers, while external resistors RI and RQ are connected respectively to
pins IVIRES and QVIRES. Thus the output current of the two DACs is typically fixed to
20 mA with an appropriate choice of these resistors. This configuration is optimal for
temperature drift compensation because the band gap can be matched with the voltage
on the feedback resistors.
The relation between full-scale output current IO(fs) and the RI (RQ) is:
RI
2048 VGAPOUT
82 IOFS

-----------------------------------------
=
The output current can also be adjusted by imposing an external reference voltage to the
inverting input pin GAPOUT and disabling the internal band gap with pin GAPD set to
HIGH. At a voltage lower than 1.2 V the current can be set at values lower than 20 mA.
The input references at pins IVIRES and QVIRES may also be driven by separate
reference voltages to independently adjust the two DAC currents.
014aaa545
AGND
RL
RL
AGND
IOUT/QOUT
IOUTN/QOUTN
DAC1203D160
014aaa546
QVIRES
IVIRES
GAPOUT
AGND
GAPD
INTERNAL
BAND GAP
I DAC current
sources array
DAC1203D160
Q DAC current
sources array
RI
RQ
Fig 3. Equivalent analog output circuit
Fig 4. Internal reference configuration


Podobny numer części - DAC1203D160HW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
DAC1203D160HW NXP-DAC1203D160HW Datasheet
120Kb / 19P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Renesas Technology Corp
DAC1203D160HW RENESAS-DAC1203D160HW Datasheet
438Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
More results

Podobny opis - DAC1203D160HW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
DAC1203D160 NXP-DAC1203D160 Datasheet
120Kb / 19P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Renesas Technology Corp
DAC1203D160 RENESAS-DAC1203D160 Datasheet
438Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
DAC1403D160 RENESAS-DAC1403D160 Datasheet
442Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
Integrated Device Techn...
DAC1403D160 IDT-DAC1403D160 Datasheet
439Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
logo
NXP Semiconductors
DAC1403D160 NXP-DAC1403D160 Datasheet
120Kb / 19P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
DAC1003D160 NXP-DAC1003D160 Datasheet
120Kb / 19P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
Rev. 02-13 August 2008
logo
Renesas Technology Corp
DAC1003D160 RENESAS-DAC1003D160 Datasheet
437Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
2 July 2012
logo
Integrated Device Techn...
DAC1003D160 IDT-DAC1003D160 Datasheet
433Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
logo
NXP Semiconductors
TDA9935 NXP-TDA9935 Datasheet
109Kb / 18P
   Dual 14-bit, up to 160 Msample/s, 2 쨈 interpolating Digital-to-Analog Converter (DAC)
Rev. 04-17 September 2007
logo
Renesas Technology Corp
DAC1205D650 RENESAS-DAC1205D650 Datasheet
412Kb / 41P
   Dual 12-bit DAC, up to 650 Msps; 2x4x and 8x interpolating
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com