Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC1401D125HL Arkusz danych(PDF) 4 Page - Integrated Device Technology

Numer części DAC1401D125HL
Szczegółowy opis  Dual 14-bit DAC, up to 125 Msps
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1401D125HL Arkusz danych(HTML) 4 Page - Integrated Device Technology

  DAC1401D125HL Datasheet HTML 1Page - Integrated Device Technology DAC1401D125HL Datasheet HTML 2Page - Integrated Device Technology DAC1401D125HL Datasheet HTML 3Page - Integrated Device Technology DAC1401D125HL Datasheet HTML 4Page - Integrated Device Technology DAC1401D125HL Datasheet HTML 5Page - Integrated Device Technology DAC1401D125HL Datasheet HTML 6Page - Integrated Device Technology DAC1401D125HL Datasheet HTML 7Page - Integrated Device Technology DAC1401D125HL Datasheet HTML 8Page - Integrated Device Technology DAC1401D125HL Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
DAC1401D125 3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
4 of 25
Integrated Device Technology
DAC1401D125
Dual 14-bit DAC, up to 125 Msps
[1]
Type description: S = Supply; G = Ground; I = Input; O = Output; I/O = Input/Output.
DA0
14
I
DAC A data input bit 0 (LSB)
DGND
15
G
digital ground
VDDD
16
S
digital supply voltage
WRTA/IQWRT
17
I
Input write port A
Input write IQ in Interleaved mode
CLKA/IQCLK
18
I
Input clock port A
Input clock IQ in Interleaved mode
CLKB/IQRESET
19
I
Input clock port B
reset IQ in Interleaved mode
WRTB/IQSEL
20
I
Input write port B
select IQ in Interleaved mode
DGND
21
G
digital ground
VDDD
22
S
digital supply voltage
DB13
23
I
DAC B data input bit 13 (MSB)
DB12
24
I
DAC B data input bit 12
DB11
25
I
DAC B data input bit 11
DB10
26
I
DAC B data input bit 10
DB9
27
I
DAC B data input bit 9
DB8
28
I
DAC B data input bit 8
DB7
29
I
DAC B data input bit 7
DB6
30
I
DAC B data input bit 6
DB5
31
I
DAC B data input bit 5
DB4
32
I
DAC B data input bit 4
DB3
33
I
DAC B data input bit 3
DB2
34
I
DAC B data input bit 2
DB1
35
I
DAC B data input bit 1
DB0
36
I
DAC B data input bit 0 (LSB)
PWD
37
I
Power-down mode
AGND
38
G
analog ground
IOUTBP
39
O
DAC B current output
IOUTBN
40
O
complementary DAC B current output
BVIRES
41
I
adjust DAC B for full-scale output current
GAINCTRL
42
I
gain control mode
REFIO
43
I/O
reference input/output
AVIRES
44
I
adjust DAC A for full-scale output current
IOUTAN
45
O
complementary DAC A current output
IOUTAP
46
O
DAC A current output
VDDA
47
S
analog supply voltage
MODE
48
I
select between Dual port mode or Interleaved mode
Table 2.
Pin description …continued
Symbol
Pin
Type[1]
Description


Podobny numer części - DAC1401D125HL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
DAC1401D125HL NXP-DAC1401D125HL Datasheet
359Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
Rev. 01-13 November 2008
logo
Renesas Technology Corp
DAC1401D125HL RENESAS-DAC1401D125HL Datasheet
461Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
2 July 2012
logo
Integrated Device Techn...
DAC1401D125HL-C1 IDT-DAC1401D125HL-C1 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
More results

Podobny opis - DAC1401D125HL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
DAC1401D125 RENESAS-DAC1401D125 Datasheet
461Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1401D125 NXP-DAC1401D125 Datasheet
359Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
Rev. 01-13 November 2008
logo
Integrated Device Techn...
DAC1401D125HL-C1 IDT-DAC1401D125HL-C1 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1001D125 RENESAS-DAC1001D125 Datasheet
385Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
2 July 2012
logo
Integrated Device Techn...
DAC1201D125 IDT-DAC1201D125 Datasheet
401Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1201D125 RENESAS-DAC1201D125 Datasheet
405Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1001D125 NXP-DAC1001D125 Datasheet
249Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
Rev. 01-24 November 2008
DAC1201D125 NXP-DAC1201D125 Datasheet
273Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
Rev. 01-27 November 2008
logo
Integrated Device Techn...
DAC1001D125 IDT-DAC1001D125 Datasheet
382Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
logo
NXP Semiconductors
DAC1405D750 PHILIPS-DAC1405D750_11 Datasheet
379Kb / 42P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
Rev. 4-7 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com