Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC1617D1G0HN Arkusz danych(PDF) 7 Page - Integrated Device Technology

Numer części DAC1617D1G0HN
Szczegółowy opis  Dual 16-bit DAC, LVDS interface, up to 1 Gsps, x2, x4 and x8 interpolating
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1617D1G0HN Arkusz danych(HTML) 7 Page - Integrated Device Technology

Back Button DAC1617D1G0HN Datasheet HTML 3Page - Integrated Device Technology DAC1617D1G0HN Datasheet HTML 4Page - Integrated Device Technology DAC1617D1G0HN Datasheet HTML 5Page - Integrated Device Technology DAC1617D1G0HN Datasheet HTML 6Page - Integrated Device Technology DAC1617D1G0HN Datasheet HTML 7Page - Integrated Device Technology DAC1617D1G0HN Datasheet HTML 8Page - Integrated Device Technology DAC1617D1G0HN Datasheet HTML 9Page - Integrated Device Technology DAC1617D1G0HN Datasheet HTML 10Page - Integrated Device Technology DAC1617D1G0HN Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
DAC1617D1G0 3
© IDT 2012. All rights reserved.
Preliminary data sheet
Rev. 03 — 2 July 2012
7 of 78
Integrated Device Technology
DAC1617D1G0
Dual 16-bit DAC: up to 1 Gsps; x2, x4 and x8 interpolating
7. Limiting values
[1]
Connect the analog 1.8 V power supply to pins VDDA1V8_D, VDDA1V8_P1, and VDDA1V8_P2.
8. Thermal characteristics
[1]
Value for six-layer board in still air with a minimum of 49 thermal vias.
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDDA(3V3) analog supply voltage
(3.3 V)
0.5
+4.6
V
VDDD
digital supply voltage
0.5
+2.5
V
VDDA(1V8) analog supply voltage
(1.8 V)
[1]
0.5
+2.5
V
VI
input voltage
input pins referenced to GND
0.5
+2.5
V
VO
output voltage
pins IOUTAP, IOUTAN,
IOUTBP, IOUTBN, AUXAP,
AUXAN, AUXBP and AUXBN
referenced to GND
0.5
+4.6
V
Tstg
storage temperature
55
+150
C
Tamb
ambient temperature
40
+85
C
Tj
junction temperature
40
+125
C
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction
to ambient
[1] 16.2
K/W
Rth(j-c)
thermal resistance from junction
to case
[1] 6.7
K/W


Podobny numer części - DAC1617D1G0HN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
DAC1617D1G0HN RENESAS-DAC1617D1G0HN Datasheet
857Kb / 78P
   Dual 16-bit DAC, LVDS interface, up to 1 Gsps, x2, x4 and x8 interpolating
12 December 2012
More results

Podobny opis - DAC1617D1G0HN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
DAC1617D1G0 RENESAS-DAC1617D1G0 Datasheet
857Kb / 78P
   Dual 16-bit DAC, LVDS interface, up to 1 Gsps, x2, x4 and x8 interpolating
12 December 2012
logo
Integrated Device Techn...
DAC1627D1G25 IDT-DAC1627D1G25 Datasheet
1Mb / 81P
   Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
logo
Renesas Technology Corp
DAC1627D1G25 RENESAS-DAC1627D1G25 Datasheet
1,023Kb / 81P
   Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
12 December 2012
logo
NXP Semiconductors
DAC1627D1G25 NXP-DAC1627D1G25 Datasheet
1Mb / 69P
   Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
Rev. 1-29 April 2011
logo
Renesas Technology Corp
DAC1628D1G25 RENESAS-DAC1628D1G25 Datasheet
2Mb / 130P
   Dual 16-bit DAC: JESD204B interface: up to 1.25 Gsps; x2, x4 and x8 interpolating
2 July 2012
DAC1653D RENESAS-DAC1653D Datasheet
3Mb / 168P
   Dual 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
28 April 2014
DAC1653Q RENESAS-DAC1653Q Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
logo
Maxim Integrated Produc...
MAX5898 MAXIM-MAX5898 Datasheet
399Kb / 32P
   16-Bit, 500Msps, Interpolating and Modulating Dual DAC with Interleaved LVDS Inputs
Rev 1; 7/07
logo
Texas Instruments
DAC5682Z TI-DAC5682Z_09 Datasheet
2Mb / 59P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI-DAC5682Z Datasheet
2Mb / 56P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com