Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CBC3225T101KR Arkusz danych(PDF) 11 Page - Taiyo Yuden (U.S.A.), Inc

Numer części CBC3225T101KR
Szczegółowy opis  WIRE-WOUND CHIP POWER INDUCTORS (CB SERIES)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Strona internetowa  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CBC3225T101KR Arkusz danych(HTML) 11 Page - Taiyo Yuden (U.S.A.), Inc

Back Button CBC3225T101KR Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc CBC3225T101KR Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc CBC3225T101KR Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc CBC3225T101KR Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc CBC3225T101KR Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc CBC3225T101KR Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc CBC3225T101KR Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc CBC3225T101KR Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc CBC3225T101KR Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
12
wound0103_reli-PRP6
wound0103_reli_e-01
PRECAUTIONS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
1.Circuit Design
Precautions
◆Operating environment
1.The products described in this specification are intended for use in general electronic equipment,(office supply equipment, telecommunications systems,
measuring equipment, and household equipment). They are not intended for use in mission-critical equipment or systems requiring special quality and high
reliability (traffic systems, safety equipment, aerospace systems, nuclear control systems and medical equipment including life-support systems,) where product
failure might result in loss of life, injury or damage. For such uses, contact TAIYO YUDEN Sales Department in advance.
2.PCB Design
Precautions
◆Land pattern design
1.Please contact any of our offices for a land pattern, and refer to a recommended land pattern of a right figure or specifications.
Technical
consider-
ations
PRECAUTIONS
【Recommended Land Patterns】
Surface Mounting
・Mounting and soldering conditions should be checked beforehand.
・Applicable soldering process to those products is reflow soldering only.
3.Considerations for automatic placement
Precautions
◆Adjustment of mounting machine
1. Excessive impact load should not be imposed on the products when mounting onto the PC boards.
2. Mounting and soldering conditions should be checked beforehand.
Technical
consider-
ations
1. When installing products, care should be taken not to apply distortion stress as it may deform the products.
4.Soldering
Precautions
◆Wave soldering(LEM Type only)
1.For wave soldering,please apply conditions meeting the range of the specifed conditions in our catalog or the relevant specifications.
◆Reflow soldering(LB and CB Types)
1.For reflow soldering with either leaded or lead-free solder,the profile specified in "point for controlling" is recommended.
◆Reflow soldering(LEM)
1.For reflow soldering, please apply conditions meeting the range of the specified conditions in our catalog or the relevant specifications.
◆Recommended conditions for using a soldering iron
1.Put the soldering iron on the land-pattern. Soldering iron's temperature - Below 350℃ Duration-3 seconds or less. The soldering iron shoud not come in contact
with inductor directly.
Technical
consider-
ations
◆Wave soldering(LEM Type only)
1.Components can be damaged by excessive heat where soldering conditions exceed the specified range.
◆Reflow soldering(LB and CB Types)
1.Reflow profile
300
250
200
150
100
50
0
Pre-heat zone
90±30 sec
30±10 sec
230℃ Minn
Peak Temp: 260+0/ー5℃
5 sec Max
180℃
150℃
◆Recommended conditions for using a soldering iron
1.Components can be damaged by excessive heat where soldering conditions exceed the specified range.
5.Cleaning
Precautions
◆Cleaning conditions
Washing by supersonic waves shall be avoided.
Technical
consider-
ations
◆Cleaning conditions
If washed by supersonic waves, the products might be broken.
6.Handling
Precautions
◆Handling
1.There is a case that a characteristic varies with magnetic influence.
◆Breakaway PC boards(splitting along perforations)
1.Planning pattern configurations and the position of products should be carefully performed to minimize stress.
◆Mechanical considerations
1.There is a case to be damaged by a mechanical shock.
Technical
consider-
ations
◆Handling
1.Keep the inductors away from all magnets and magnetic objects.
◆Breakaway PC boards(splitting along perforations)
1.When splitting the PC board after mounting inductors, care should be taken not to give any stresses of deflection or twisting to the board.
2.Board separation should not be done manually, but by using the appropriate devices.
◆Mechanical considerations
1.Please do not give the inductors any excessive mechanical shocks.
7.Storage conditions
Precautions
◆Storage
1.Under a high temperature and humidity environment, problems such as reduced solderability caused by oxidation of terminal electrodes and deterioration of
taping/packaging materials may take place.
Technical
consider-
ations
◆Storage
1.To maintain the solderability of terminal electrodes and to keep the packing material in good condition, temperature and humidity in the storage area should be controlled.
 ・Recommended conditions
  Ambient temperature:0~40℃ / Humidity:Below 70% RH
The ambient temperature must be kept below 30℃ even under ideal storage conditions, solderability of products electrodes may decrease as time passes. For
this reason, LE type inductors should be used within one year from the time of delivery.
LB type:Should be used within 6 months from the time of delivery.
LE type:In case of storage over 6 months, solderability shall be checked before actual usage.
LEM Type,LB Type,CB Type


Podobny numer części - CBC3225T101KR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiyo Yuden (U.S.A.), I...
CBC3225T101KR TAIYO-YUDEN-CBC3225T101KR Datasheet
283Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CBC]
CBC3225T101KR TAIYO-YUDEN-CBC3225T101KR Datasheet
362Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
CBC3225T101KR8 TAIYO-YUDEN-CBC3225T101KR8 Datasheet
277Kb / 2P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CBC]
CBC3225T101KRV TAIYO-YUDEN-CBC3225T101KRV Datasheet
137Kb / 1P
   Wire-wound Chip Inductors for Automotive
More results

Podobny opis - CBC3225T101KR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiyo Yuden (U.S.A.), I...
CB2518T471K TAIYO-YUDEN-CB2518T471K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T680K TAIYO-YUDEN-CB2518T680K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T100KR TAIYO-YUDEN-CB2012T100KR_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T3R3M TAIYO-YUDEN-CB2016T3R3M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T4R7M TAIYO-YUDEN-CB2016T4R7M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T1R0M TAIYO-YUDEN-CB2518T1R0M Datasheet
290Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T150K TAIYO-YUDEN-CB2518T150K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T100K TAIYO-YUDEN-CB2016T100K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T1R5M TAIYO-YUDEN-CB2518T1R5M Datasheet
290Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T150K TAIYO-YUDEN-CB2012T150K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T220M TAIYO-YUDEN-CB2012T220M_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com