Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STD8N65M5 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części STD8N65M5
Szczegółowy opis  a Phase-Dimmable, Primary-Side Regulated LED Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

STD8N65M5 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button STD8N65M5 Datasheet HTML 7Page - Texas Instruments STD8N65M5 Datasheet HTML 8Page - Texas Instruments STD8N65M5 Datasheet HTML 9Page - Texas Instruments STD8N65M5 Datasheet HTML 10Page - Texas Instruments STD8N65M5 Datasheet HTML 11Page - Texas Instruments STD8N65M5 Datasheet HTML 12Page - Texas Instruments STD8N65M5 Datasheet HTML 13Page - Texas Instruments STD8N65M5 Datasheet HTML 14Page - Texas Instruments STD8N65M5 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Turn-on angle vs. Iout
0
50
100
150
200
250
300
5
25
45
65
85
105
125
145
165
Turn-on angle (degrees)
www.ti.com
Performance Data and Typical Characteristic Curves
7.6
Switch Node Voltage Valley Switching
Figure 9. Switch Node Waveform
(Ch1 - LED current Ch2- switch node Ch3 - rectified line voltage)
7.7
Triac Dimmer LED Current vs Conduction Angle
Figure 10. LED Current vs Conduction Angle
11
SLUU937 – May 2012
LM3447-A19-120VEVM is a Phase-Dimmable, Primary-Side Regulated LED
Driver
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Podobny numer części - STD8N65M5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STD8N65M5 STMICROELECTRONICS-STD8N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.56 廓, 7 A MDmesh??V Power MOSFET
logo
Inchange Semiconductor ...
STD8N65M5 ISC-STD8N65M5 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - STD8N65M5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FL6632 ONSEMI-FL6632 Datasheet
489Kb / 15P
   Primary-Side-Regulated LED Driver
May 2015 Rev. 1.0
FL7733A ONSEMI-FL7733A Datasheet
453Kb / 15P
   Primary-Side-Regulated LED Driver
December 2014 Rev. 1.2
logo
Richtek Technology Corp...
RT7302 RICHTEK-RT7302 Datasheet
275Kb / 15P
   Primary-Side-Regulation Dimmable LED Driver Controller
logo
Texas Instruments
LM3447 TI1-LM3447 Datasheet
554Kb / 25P
[Old version datasheet]   Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
logo
Richtek Technology Corp...
RT7310 RICHTEK-RT7310 Datasheet
557Kb / 12P
   Phase-Cut Dimmable Primary-Side Regulation
logo
ON Semiconductor
NCL30386 ONSEMI-NCL30386 Datasheet
317Kb / 21P
   Dimmable Power Factor Corrected LED Driver Featuring Primary Side CC
April, 2018 ??Rev. P2
logo
BCD Semiconductor Manuf...
AP1681 BCDSEMI-AP1681 Datasheet
346Kb / 13P
   Off-line Primary Side Regulation Controller for Dimmable LED Driver
logo
Richtek Technology Corp...
RT8402 RICHTEK-RT8402 Datasheet
554Kb / 13P
   Phase-Cut Dimmable High Side Buck LED Driver
logo
Renesas Technology Corp
ISL1904 RENESAS-ISL1904 Datasheet
952Kb / 21P
   Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
logo
Intersil Corporation
ISL1904FAZ INTERSIL-ISL1904FAZ Datasheet
623Kb / 21P
   Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
September 20, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com