Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP303ADRLT Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części TMP303ADRLT
Szczegółowy opis  Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TMP303ADRLT Arkusz danych(HTML) 1 Page - Texas Instruments

  TMP303ADRLT Datasheet HTML 1Page - Texas Instruments TMP303ADRLT Datasheet HTML 2Page - Texas Instruments TMP303ADRLT Datasheet HTML 3Page - Texas Instruments TMP303ADRLT Datasheet HTML 4Page - Texas Instruments TMP303ADRLT Datasheet HTML 5Page - Texas Instruments TMP303ADRLT Datasheet HTML 6Page - Texas Instruments TMP303ADRLT Datasheet HTML 7Page - Texas Instruments TMP303ADRLT Datasheet HTML 8Page - Texas Instruments TMP303ADRLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SOT563
1
2
3
6
5
4
V
S
SOH
HYST
SET0
HYST
SET1
GND
OUT
TMP303A
TMP303B
www.ti.com
SBOS486B – JULY 2009 – REVISED JANUARY 2011
Easy-to-Use, Low-Power, 1°C, Low-Supply
TEMPERATURE RANGE MONITOR in MicroPackage
Check for Samples: TMP303A, TMP303B
1
FEATURES
DESCRIPTION
2
LOW POWER: 5mA (max)
The TMP303A and TMP303B are temperature range
monitors that offer design flexibility through an extra
SOT563 PACKAGE: 1,6 x 1,6 x 0,6 mm
small footprint (SOT563), low power (5mA max) and
TRIP POINT ACCURACY: ±0.2°C from –40°C to
low supply voltage capability (as low as 1.4V).
+125°C
These devices require no additional components for
PUSH-PULL OUTPUT
operation;
each
can
function
independent
of
SELECTABLE HYSTERESIS: 1/2/5/10°C
microprocessors or microcontrollers.
SUPPLY VOLTAGE RANGE: 1.4V to 3.6V
Trip points are preprogrammed at the factory. For
applications that require different values, contact your
APPLICATIONS
local TI representative.
CELL PHONE HANDSETS
The OUT pin is a push-pull, active-high output. When
PORTABLE MEDIA PLAYERS
the measured temperature is beyond the trip point
CONSUMER ELECTRONICS
range of 0°C to +60°C (TMP303A), and the Set
SERVERS
Output High (SOH) pin is low, the OUT pin is high.
The SOH pin is an input pin with an internal pulldown
POWER-SUPPLY SYSTEMS
resistor. When the SOH pin is forced high, the OUT
DC-DC MODULES
pin
goes
high
regardless
of
the
measured
THERMAL MONITORING
temperature.
ELECTRONIC PROTECTION SYSTEMS
TMP303A/B HYSTERESIS SETTINGS
DRL PACKAGE
HYSTSET1
HYSTSET0
HYSTERESIS (°C)
SOT563
(Top View)
GND
GND
1
GND
VS
2
VS
GND
5
VS
VS
10
DEVICE SUMMARY
DEVICE
TRIP POINTS (°C)
TMP303A
TL = 0, TH = +60
(1)
TMP303B
TL = 0, TH = +55
(1)
(1)
Contact TI representative for other trip points.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - TMP303ADRLT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP303ADRLT TI1-TMP303ADRLT Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
TMP303ADRLT TI1-TMP303ADRLT Datasheet
1Mb / 22P
[Old version datasheet]   Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
More results

Podobny opis - TMP303ADRLT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP303 TI1-TMP303_15 Datasheet
1Mb / 24P
[Old version datasheet]   TMP303 Easy-To-Use, Low-Power, 1째C, Low-Supply Temperature Range Monitor In Micropackage
TMP303 TI1-TMP303_17 Datasheet
1Mb / 22P
[Old version datasheet]   Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
TMP302A TI-TMP302A Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
[Old version datasheet]   TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP303 TI1-TMP303_16 Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
TMP302-Q1 TI1-TMP302-Q1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
logo
ALPS ELECTRIC CO.,LTD.
UGMZ2AA ALPS-UGMZ2AA Datasheet
1Mb / 1P
   Easy-to-Use Built-in Antenna Type Leading the Industry in Compactness and Low Power
logo
SMSC Corporation
EMC1701 SMSC-EMC1701 Datasheet
876Kb / 54P
   High-Side Current-Sense and Internal 1째C Temperature Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com