Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST202E104JAR Arkusz danych(PDF) 2 Page - AVX Corporation

Numer części ST202E104JAR
Szczegółowy opis  Radial Leads/SkyCap짰/SR Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVX [AVX Corporation]
Strona internetowa  http://www.avx.com
Logo AVX - AVX Corporation

ST202E104JAR Arkusz danych(HTML) 2 Page - AVX Corporation

  ST202E104JAR Datasheet HTML 1Page - AVX Corporation ST202E104JAR Datasheet HTML 2Page - AVX Corporation ST202E104JAR Datasheet HTML 3Page - AVX Corporation ST202E104JAR Datasheet HTML 4Page - AVX Corporation ST202E104JAR Datasheet HTML 5Page - AVX Corporation ST202E104JAR Datasheet HTML 6Page - AVX Corporation ST202E104JAR Datasheet HTML 7Page - AVX Corporation ST202E104JAR Datasheet HTML 8Page - AVX Corporation ST202E104JAR Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
16
Radial Leads/SkyCap
®/SR Series
C0G (NP0) Dielectric
SIZE AND CAPACITANCE SPECIFICATIONS
EIA Characteristic
Dimensions: Millimeters (Inches)
For other styles, voltages, tolerances and lead lengths see Part No. Codes or contact factory.
*Other capacitance values available upon special request.
Capacitance ranges available for SR12 and SR07 same as SR15
SR62 and SR59 same as SR21
SR64 and SR65 same as SR30
SR75 same as SR40
SR13 same as SR21
NOTE: For others voltages, tolerances, electrical specifications and NPO typical characteristics,
see the AVX Multilayer Ceramic Leaded Capacitors Catalog.
= Industry preferred values
= SR20 only
200 100
50 200 100
50
200 100
50
200 100 50
100
50
100
50
100
50
AVX Style
SR15
SR20
SR21
SR22
SR27
SR30
SR40
SR50
AVX “Insertable”
SR07
SR29
SR59
N/A
N/A
SR65
SR75
N/A
Width
3.81
5.08
5.08
5.08
6.604
7.62
10.16
12.70
(W)
(.150)
(.200)
(.200)
(.200)
(.260)
(.300)
(.400)
(.500)
Height
3.81
5.08
5.08
5.08
6.35
7.62
10.16
12.70
(H)
(.150)
(.200)
(.200)
(.200)
(.250)
(.300)
(.400)
(.500)
Thickness
2.54
3.175
3.175
3.175
4.06
3.81
3.81
5.08
(T)
(.100)
(.125)
(.125)
(.125)
(.160)
(.150)
(.150)
(.200)
Lead Spacing
2.54
2.54
5.08
6.35
7.62
5.08
5.08
10.16
(L.S.)
(.100)
(.100)
(.200)
(.250)
(.300)
(.200)
(.200)
(.400)
Lead Diameter
.508
.508
.508
.508
.508
.508
.508
.635
(L.D.)
(.020)
(.020)
(.020)
(.020)
(.020)
(.020)
(.020)
(.025)
Cap. in.* Industry Preferred
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
pF
Values in Blue
200 100
50
1.0-9.9
SR151A1R0DAR
10
SR151A100KAR
15
SR-----A150KAR
22
SR-----A220KAR
33
SR-----A330KAR
39
SR-----A390KAR
47
SR-----A470KAR
68
SR-----A680KAR
100
SR151A101KAR
150
SR-----A151KAR
220
SR-----A221KAR
330
SR-----A331KAR
390
SR-----A391KAR
470
SR-----A471KAR
680
SR-----A681KAR
1000
SR211A102KAR
1500
SR-----A152KAR
2200
SR-----A222KAR
3900
SR-----A392KAR
4700
SR-----A472KAR
6800
SR-----A682KAR
8200
SR-----A822KAR
10,000
SR305A103KAR
15,000
SR-----A153KAR
22,000
SR-----A223KAR
33,000
SR-----A333KAR
39,000
SR-----A393KAR
47,000
SR-----A473KAR
68,000
SR-----A683KAR
100,000
SR-----A104KAR


Podobny numer części - ST202E104JAR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST202E STMICROELECTRONICS-ST202E Datasheet
95Kb / 12P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
ST202EBD STMICROELECTRONICS-ST202EBD Datasheet
95Kb / 12P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST202EBDR STMICROELECTRONICS-ST202EBDR Datasheet
95Kb / 12P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST202EBDR STMICROELECTRONICS-ST202EBDR Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
More results

Podobny opis - ST202E104JAR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVX Corporation
SR211C104KAA AVX-SR211C104KAA Datasheet
267Kb / 8P
   Radial Leads/SkyCap짰
SR155E103MAR AVX-SR155E103MAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap짰
AR215F104M4R AVX-AR215F104M4R Datasheet
202Kb / 9P
   Radial Leads/SkyCap짰/AR Series
SR152A3R0CAR AVX-SR152A3R0CAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap /SR Series
SR212A220JAA AVX-SR212A220JAA Datasheet
169Kb / 1P
   Radial Leads/SkyCap/SR Series
SR155C102KAR AVX-SR155C102KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR215C104KAR AVX-SR215C104KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR211C105KAR AVX-SR211C105KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
BF01 AVX-BF01 Datasheet
57Kb / 4P
   Radial Leads
SR201A102JAR AVX-SR201A102JAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com