Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPIC71008-Q1 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części TPIC71008-Q1
Szczegółowy opis  Eight-Channel Squib Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC71008-Q1 Arkusz danych(HTML) 3 Page - Texas Instruments

  TPIC71008-Q1 Datasheet HTML 1Page - Texas Instruments TPIC71008-Q1 Datasheet HTML 2Page - Texas Instruments TPIC71008-Q1 Datasheet HTML 3Page - Texas Instruments TPIC71008-Q1 Datasheet HTML 4Page - Texas Instruments TPIC71008-Q1 Datasheet HTML 5Page - Texas Instruments TPIC71008-Q1 Datasheet HTML 6Page - Texas Instruments TPIC71008-Q1 Datasheet HTML 7Page - Texas Instruments TPIC71008-Q1 Datasheet HTML 8Page - Texas Instruments TPIC71008-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SPI/
Digital
DIAG
BIAS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
AMX_OUT
DGND1
AGND1
SQREF1
SQREF2
VADC
TEST2
VA2
TEST2
GND1
ZM1
Z1
VZ1
ZM4
Z4
Z7
ZM7
VZ3
Z3
ZM3
GND3
DGND2
SOMI
SOMO
SCLK
CS_N
TZ0
RESET_N
VDDIO
AGND
VA1
TEST4
NC
GND2
ZM2
Z2
VZ2
ZM5
Z5
GND0
Z6
GND3
Z6
squib
squib
Z6
ZM6
VZ0
Z0
ZM0
GND0
TEST1
VCC5
IWD
squib
squib
squib
squib
squib
squib
squib
GND2
Z5
Z4
GND1
TPIC71008-Q1
www.ti.com
SLVSAX3
– JUNE 2011
Table 2. Potential Deployment Settings for Maximum Firing Current
MAXIMUM AVERAGE FIRING
FIRING
MAX FIRING
DWELL
VOLTAGE BETWEEN VZX AND ZX
VOLTAGE
CURRENT(1)
(FIRING)TIME
PINS TO ACHIEVE DEPLOYMENT
2.6 A
35 V
30 V
0.7 ms(2)
(for 1.75 A current setting)
2. 0 A
35 V
31 V
2.0 ms(2)
(for 1.2 A current setting)
(1)
The max firing current levels are set through device EEPROM setting
(2)
For programming desired dwell (firing) time
Figure 1. Functional Block Diagram
For the full version of this document, please contact msamktg@list.ti.com .
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPIC71008-Q1


Podobny numer części - TPIC71008-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC71002-Q1 TI1-TPIC71002-Q1 Datasheet
370Kb / 8P
[Old version datasheet]   Dual Channel Squib Drivers
TPIC71002TDCAQ1 TI1-TPIC71002TDCAQ1 Datasheet
370Kb / 8P
[Old version datasheet]   Dual Channel Squib Drivers
TPIC71002TDCARQ1 TI1-TPIC71002TDCARQ1 Datasheet
370Kb / 8P
[Old version datasheet]   Dual Channel Squib Drivers
TPIC71004-Q1 TI1-TPIC71004-Q1 Datasheet
379Kb / 8P
[Old version datasheet]   Quad-Channel Driver for Airbag Deployment
TPIC71004TDCARQ1 TI1-TPIC71004TDCARQ1 Datasheet
379Kb / 8P
[Old version datasheet]   Quad-Channel Driver for Airbag Deployment
More results

Podobny opis - TPIC71008-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC71002-Q1 TI1-TPIC71002-Q1 Datasheet
370Kb / 8P
[Old version datasheet]   Dual Channel Squib Drivers
logo
Silicon Standard Corp.
SS62803 SSC-SS62803 Datasheet
181Kb / 6P
   Eight-channel Darlington Drivers
logo
Freescale Semiconductor...
MC33797 FREESCALE-MC33797 Datasheet
639Kb / 32P
   Four Channel Squib Driver IC
33797 FREESCALE-33797 Datasheet
905Kb / 34P
   Four Channel Squib Driver IC
33797 FREESCALE-33797_11 Datasheet
1Mb / 35P
   Four Channel Squib Driver IC
logo
JST Mfg. Co., Ltd.
SQN JST-SQN Datasheet
124Kb / 3P
   Squib connectors
logo
Toshiba Semiconductor
TPD2004F TOSHIBA-TPD2004F_07 Datasheet
288Kb / 10P
   2-channel Squib Driver for Air Bags
logo
STMicroelectronics
L9634 STMICROELECTRONICS-L9634 Datasheet
997Kb / 36P
   SQUIB RESISTANCE MEASUREMENT
October 2004 Rev. 1
logo
Aeroflex Circuit Techno...
MT34013 AEROFLEX-MT34013 Datasheet
155Kb / 8P
   EIGHT CHANNEL ARINC DECODER
logo
Texas Instruments
SN75128 TI1-SN75128 Datasheet
248Kb / 9P
[Old version datasheet]   EIGHT-CHANNEL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com