Zakładka z wyszukiwarką danych komponentów |
|
ST202E104KARTR1 Arkusz danych(PDF) 1 Page - AVX Corporation |
|
ST202E104KARTR1 Arkusz danych(HTML) 1 Page - AVX Corporation |
1 / 14 page 15 Radial Leads/SkyCap ®/SR Series See Note See Note Dimensions: Millimeters (Inches) Note: Coating clean .784 (0.031) min. above seating plane Styles SR15, SR20, SR30, SR40, SR50 Style SR21 Styles SR22, SR27 W Max. W Max. W Max. Max. T Max. T Max. T L.S. .762 (0.030) L.S. .762 (0.030) L.S. .762 (0.030) H Max. H Max. H Max. 1.0" Min. 1.0" Min. 1.0" Min. LD Nom. LD Nom. LD Nom. 1.52 (0.060) Max. AVX SR Series Conformally Coated Radial Leaded MLC Temperature Coefficients: C0G (NP0), X7R, Z5U 200, 100, 50 Volts (300V, 400V & 500V also available) Case Material: Epoxy Lead Material: RoHS Compliant, 100% Tin XXX X X X FRONT XXX A XX BACK Capacitance Code Tolerance Code Voltage Code Temp. Char. Code 3 Digit Date Code Lot Code AVX Logo Quantity per Bag SR15, 20, 21, 22, 27, 30 1000 Pieces SR40, 50 500 Pieces Note: SR15, SR20, SR21, SR30, and SR40 available on tape and reel per EIA specifications RS-468. See Pages 33 and 34. GENERAL INFORMATION MARKING PACKAGING REQUIREMENTS HOW TO ORDER SR21 AVX Style SR15 SR20 SR21 SR22 SR27 SR30 SR40 SR50 5 Voltage 5 = 50V 1 = 100V 2 = 200V 9 = 300V 8 = 400V 7 = 500V E Temperature Coefficient A = C0G (NP0) C = X7R E = Z5U 104 Capacitance First two digits are the significant figures of capacitance. Third digit indicates the additional number of zeros. For example, order 100,000 pF as 104. (For values below 10pF use “R” in place of decimal point, e.g., 1R4 = 1.4pF.) M Capacitance Tolerance C0G (NP0): C = ±.25pF D = ±.5pF F = ±1% (>50pF only) G = ±2% (>25pF only) J = ±5% K = ±10% X7R: J = ±5% K = ±10% M = ±20% Z5U: M = ±20% Z = +80% -20% A Failure Rate A = Not Applicable R Leads R = RoHS Long Lead 1.0" minimum Drawings are for illustrative purposes only. Actual lead form shape could vary within stated tolerances based on body size. TR1 Packaging Blank = Bulk Packaging T = Trimmed Leads .230"± .030" Bulk packaging TR1 = Tape and Reel Packaging AP1 = Ammopack Packaging See packaging specification page 33-34. |
Podobny numer części - ST202E104KARTR1 |
|
Podobny opis - ST202E104KARTR1 |