Zakładka z wyszukiwarką danych komponentów |
|
ISL32430E Arkusz danych(PDF) 2 Page - Intersil Corporation |
|
ISL32430E Arkusz danych(HTML) 2 Page - Intersil Corporation |
2 / 21 page ISL32430E, ISL32432E, ISL32433E, ISL32435E, ISL32437E 2 FN7920.0 March 1, 2012 TABLE 1. SUMMARY OF FEATURES PART NUMBER HALF/FULL DUPLEX DATA RATE (Mbps) SLEW-RATE LIMITED? EN PINS? HOT PLUG CABLE INVERT (INV) PIN? QUIESCENT ICC (mA) LOW POWER SHDN? PIN COUNT ISL32430E Full 0.25 Yes Yes No No 2.1 Yes 10, 14 ISL32432E Half 0.25 Yes Yes No No 2.1 Yes 8 ISL32433E Full 1 Yes Yes No No 2.1 Yes 10, 14 ISL32435E Half 1 Yes Yes No No 2.1 Yes 8 ISL32437E Half 0.25 Yes Tx Only No Yes 2.1 No 8 Ordering Information PART NUMBER (Notes 1, 2, 3) PART MARKING TEMP. RANGE (°C) PACKAGE (Pb-Free) PKG. DWG. # ISL32430EIBZ ISL32430 EIBZ -40 to +85 14 Ld SOIC M14.15 ISL32430EIUZ 2430E -40 to +85 10 Ld MSOP M10.118 ISL32432EIBZ 32432 EIBZ -40 to +85 8 Ld SOIC M8.15 ISL32432EIUZ 2432E -40 to +85 8 Ld MSOP M8.118 ISL32433EIBZ ISL32433 EIBZ -40 to +85 14 Ld SOIC M14.15 ISL32433EIUZ 2433E -40 to +85 10 Ld MSOP M10.118 ISL32435EIBZ 32435 EIBZ -40 to +85 8 Ld SOIC M8.15 ISL32435EIUZ 2435E -40 to +85 8 Ld MSOP M8.118 ISL32437EIBZ 32437 EIBZ -40 to +85 8 Ld SOIC M8.15 ISL32437EIUZ 2437E -40 to +85 8 Ld MSOP M8.118 NOTES: 1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications. 2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 3. For Moisture Sensitivity Level (MSL), please see device information page for ISL32430E, ISL32432E, ISL32433E, ISL32435E, ISL32437E. For more information on MSL please see tech brief TB363. Pin Configurations ISL32430E, ISL32433E (14 LD SOIC) TOP VIEW ISL32430E, ISL32433E (10 LD MSOP) TOP VIEW NC RO RE DE DI GND GND VCC NC A B Z Y NC 1 2 3 4 5 6 7 14 13 12 11 10 9 8 D R RO RE DE DI GND VCC A B Z Y 1 2 3 4 5 10 9 8 7 6 D R |
Podobny numer części - ISL32430E |
|
Podobny opis - ISL32430E |