Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISLA224P20 Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISLA224P20
Szczegółowy opis  High Performance Dual 14-Bit, 125MSPS ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA224P20 Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISLA224P20 Datasheet HTML 1Page - Intersil Corporation ISLA224P20 Datasheet HTML 2Page - Intersil Corporation ISLA224P20 Datasheet HTML 3Page - Intersil Corporation ISLA224P20 Datasheet HTML 4Page - Intersil Corporation ISLA224P20 Datasheet HTML 5Page - Intersil Corporation ISLA224P20 Datasheet HTML 6Page - Intersil Corporation ISLA224P20 Datasheet HTML 7Page - Intersil Corporation ISLA224P20 Datasheet HTML 8Page - Intersil Corporation ISLA224P20 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ISLA224P12
4
FN7983.3
August 17, 2012
Pin Configuration- CMOS Mode
ISLA224P12
(72 LD QFN)
TOP VIEW
72
71
70
69
68
67
66
65
64
63
62
61
60
59
D3
DNC
D4
DNC
D5
DNC
CLKOUT
DNC
RLVDS
OVSS
D6
DNC
D7
DNC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
54
53
52
51
50
49
48
47
46
45
44
43
42
41
DNC
DNC
NAPSLP
VCM
AVSS
VINBP
VINBN
AVSS
AVDD
AVDD
AVSS
VINAN
VINAP
AVSS
19
20
21
22
23
24
25
26
27
28
29
30
31
32
15
16
17
18
CLKDIV
DNC
DNC
RESETN
33
34
35
36
D8
DNC
D9
DNC
40
39
38
37
58
57
56
55
Connect Thermal Pad to AVSS
Thermal Pad Not Drawn to Scale.
Consult Mechanical Drawing for
Physical Dimensions.
Pin Descriptions - 72 Ld QFN, CMOS Mode
PIN NUMBER
CMOS PIN NAME
CMOS PIN FUNCTION
1, 2, 16, 17, 28, 30, 33, 35, 37,
39, 41, 43, 47, 49, 51, 53, 55,
57, 59, 63
DNC
Do Not Connect
9, 10, 19, 20, 21, 70, 71, 72
AVDD
1.8V Analog Supply
5, 8, 11, 14
AVSS
Analog Ground
27, 32, 62
OVDD
1.8V Output Supply
26, 45, 61, 65
OVSS
Output Ground
3
NAPSLP
Tri-Level Power Control (Nap, Sleep modes)
4
VCM
Common Mode Output


Podobny numer części - ISLA224P20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISLA224P20 INTERSIL-ISLA224P20 Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA224P20 INTERSIL-ISLA224P20 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISLA224P20 RENESAS-ISLA224P20 Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA224P20 RENESAS-ISLA224P20 Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA224P20 RENESAS-ISLA224P20 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
More results

Podobny opis - ISLA224P20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISLA224P12 RENESAS-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
logo
Intersil Corporation
ISLA214P12 INTERSIL-ISLA214P12 Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
ISLA214P12IRZ INTERSIL-ISLA214P12IRZ Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
June 27, 2012
logo
Renesas Technology Corp
ISLA214P12 RENESAS-ISLA214P12 Datasheet
1Mb / 34P
   High Performance 14-Bit, 125MSPS ADC
logo
Linear Technology
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2285 LINER-LTC2285 Datasheet
583Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
logo
Intersil Corporation
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5514P-25Q72 INTERSIL-KAD5514P-25Q72 Datasheet
802Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com