Zakładka z wyszukiwarką danych komponentów |
|
AD9833BRMZ Arkusz danych(PDF) 1 Page - Analog Devices |
|
AD9833BRMZ Arkusz danych(HTML) 1 Page - Analog Devices |
1 / 12 page Evaluation Board User Guide UG-272 One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com Evaluating the AD9833 Low Power 12.65 mW, 2.3 V to 5.5 V, Programmable Waveform Generator PLEASE SEE THE LAST PAGE FOR AN IMPORTANT WARNING AND LEGAL TERMS AND CONDITIONS. Rev. A | Page 1 of 12 FEATURES Full featured evaluation board for the AD9833 evaluation board Graphical user interface software for board control and data analysis Connector to EVAL-SDP-CB1Z system demonstration platform (SDP) board Various power supply and reference link options APPLICATIONS Biomedical sensors Bioelectrical impedance analysis Electrochemical analysis Impedance spectroscopy Complex impedance measurement Nondestructive testing GENERAL DESCRIPTION The AD9833 is a 25 MHz low power DDS device capable of producing high performance sine and triangular outputs. It also has an on-board comparator that allows a square wave to be produced for clock generation. Consuming only 13 mW of power at 3 V makes the AD9833 an ideal candidate for power- sensitive applications. The EVAL-AD9833SDZ board is used in conjunction with an EVAL-SDP-CB1Z SDP board available from Analog Devices, Inc. The USB-to-SPI communication to the AD9837 is completed using this Blackfin®-based development board. A high performance, on-board 25 MHz trimmed general oscillator is available to use as the master clock for the AD9837 system. Various links and SMB connectors are also available on the EVAL-AD9833SDZ board to maximize usability. Complete specifications for the AD9833 are provided in the AD9833 data sheet, available from Analog Devices, and should be consulted in conjunction with this user guide when using the evaluation board. FUNCTIONAL BLOCK DIAGRAM SDATA FSYNC MCLK AD9833 EVAL-SDP-CB1Z REF196 USB SPORT VOUT MCLK XO SCLK Figure 1. |
Podobny numer części - AD9833BRMZ |
|
Podobny opis - AD9833BRMZ |