Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3V712EL Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części TS3V712EL
Szczegółowy opis  7-CHANNEL VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TS3V712EL Arkusz danych(HTML) 5 Page - Texas Instruments

  TS3V712EL Datasheet HTML 1Page - Texas Instruments TS3V712EL Datasheet HTML 2Page - Texas Instruments TS3V712EL Datasheet HTML 3Page - Texas Instruments TS3V712EL Datasheet HTML 4Page - Texas Instruments TS3V712EL Datasheet HTML 5Page - Texas Instruments TS3V712EL Datasheet HTML 6Page - Texas Instruments TS3V712EL Datasheet HTML 7Page - Texas Instruments TS3V712EL Datasheet HTML 8Page - Texas Instruments TS3V712EL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TS3V712EL
www.ti.com
SCDS303A – AUGUST 2010 – REVISED SEPTEMBER 2010
ELECTRICAL CHARACTERISTICS
(1)
over recommended operating free-air temperature range, VDD = 3.3 V ±0.3 V, VDD_5 = 5 V ±0.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
Digital input clamp
VDD = 3.6 V,
VIK
SEL, H, V
IIN = –18 mA
–0.8
–1.2
V
voltage
VDD_5 = 5.5 V,
R, G, B
3
6
VDD = 3.6 V,
0 V
≤ VI/O
rON
ON-state resistance
II/O = –40 mA
Ω
VDD_5 = 5.5 V,
VDD,
SCL, SDA
4
9
rON(fl
ON-state resistance
VDD = 3.6 V,
VI/O = 1.5 V and
R, G, B
II/O = –40 mA
0.2
1
Ω
at)
flatness(3)
VDD_5 = 5.5 V,
VDD,
ON-state resistance
VDD = 3.6 V,
0 V
≤ VI/O
ΔrON match between
R, G, B
II/O = –40 mA
0.2
1
Ω
VDD_5 = 5.5 V,
VDD,
channels(4)
Digital input high
VDD = 3.6 V,
IIH
SEL, H, V
VIN = VDD
±1
mA
leakage current
VDD_5 = 5.5 V,
Digital input low
VDD = 3.6 V,
IIL
SEL, H, V
VIN = GND
±1
mA
leakage current
VDD_5 = 5.5 V,
Leakage under
VDD = 0 V,
VI/O = 0 to 3.6
IOFF
All outputs
VIN = 0 to 5.5 V
±1
mA
power off conditions
VDD_5 = 0 V,
V,
Digital input
CIN
SEL, H, V
f = 10 MHz
VIN = 0,
4
pF
capacitance
R, G, B
3
Switch OFF
Output
Switch
COFF
f = 10 MHz
VI/O = 0 V,
pF
capacitance
open,
OFF
SCL, SDA
3
R, G, B
8
Switch ON
Output
Switch
CON
f = 10 MHz
VI/O = 0 V,
pF
capacitance
open,
ON
SCL, SDA
8
High-level output
VOH
H, V
VIN = VIH,
IOH = –8 mA
3.8
V
voltage
Low-level output
VOL
H, V
VIN = VIH,
IOL = 8 mA
0.5
V
voltage
VHYS
Voltage hysteresis
H, V
200
300
mV
T
VDD = 3.6 V,
VIN = VDD or
II/O = 0
IDD
VDD supply current
200
500
mA
VDD_5 = 5.5 V,
GND,
mA,
VDD = 3.6 V,
VIN = VDD or
II/O = 0
IDD_5 VDD_5 supply current
50
mA
VDD_5 = 5.5 V,
GND,
mA,
(1)
VI, VO, II, and IO refer to I/O pins. VIN refers to the control inputs.
(2)
All typical values are at VDD = 3.3V, VDD_5 = 5V (unless otherwise noted), TA = 25°C.
(3)
rON(flat) is the difference of rON in a given channel at specified voltages.
(4)
ΔrON is the difference of rON from center port to any other ports.
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VDD = 3.3 V ±0.3 V, VDD_5 = 5 V ±0.5 V (unless otherwise noted)
FROM
TO
PARAMETER
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
R0,G0,B0
R1, G1, B1 or R2, G2, B2
0.25
tpd
(1)
SCL0, SDA0
SCL1, SDA1 or SCL2, SDA2
0.25
ns
H0,V0
H1, V1 or H2, V2
3
7
R1, G1, B1, SCL1, SDA1
SEL
or
0.5
11
tPHZ, tPLZ
(2)
ns
R2, G2, B2, SCL2, SDA2
SEL
H1, V1 or H2, V2
0.5
13
(1)
The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load
capacitance when driven by an ideal voltage source (zero output impedance).
(2)
Line disable time: SEL to input, output; also called SEL to switch turn off time.
Copyright © 2010, Texas Instruments Incorporated
5
Product Folder Link(s): TS3V712EL


Podobny numer części - TS3V712EL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3V712E TI-TS3V712E Datasheet
330Kb / 14P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
TS3V712E TI-TS3V712E Datasheet
464Kb / 15P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
TS3V712ERTGR TI-TS3V712ERTGR Datasheet
330Kb / 14P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
TS3V712ERTGR TI-TS3V712ERTGR Datasheet
464Kb / 15P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
TS3V712E_1002 TI-TS3V712E_1002 Datasheet
464Kb / 15P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
More results

Podobny opis - TS3V712EL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3V713EL TI1-TS3V713EL Datasheet
723Kb / 20P
[Old version datasheet]   7-CHANNEL, 1:2 VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
TPS65163 TI1-TPS65163 Datasheet
1Mb / 43P
[Old version datasheet]   LCD Bias Supply With Integrated Level Shifters
TS3V712E_1002 TI-TS3V712E_1002 Datasheet
464Kb / 15P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
TS3V712E TI-TS3V712E Datasheet
330Kb / 14P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
logo
Exar Corporation
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XRA1404 EXAR-XRA1404 Datasheet
408Kb / 14P
   8-BIT SPI GPIO EXPANDER WITH INTEGRATED LEVEL SHIFTERS
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XRA1405 EXAR-XRA1405 Datasheet
439Kb / 16P
   16-BIT SPI GPIO EXPANDER WITH INTEGRATED LEVEL SHIFTERS
logo
Pericom Semiconductor C...
PI3V713-A PERICOM-PI3V713-A Datasheet
479Kb / 8P
   3.3V, 7-Channel Analog Video Switch
logo
Exar Corporation
XR20M1280L32-0B EXAR-XR20M1280L32-0B Datasheet
1Mb / 63P
   I2C/SPI UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com