Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1146 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1146
Szczegółowy opis  16-Bit Analog-to-Digital Converters for Temperature Sensors
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1146 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADS1146 Datasheet HTML 3Page - Texas Instruments ADS1146 Datasheet HTML 4Page - Texas Instruments ADS1146 Datasheet HTML 5Page - Texas Instruments ADS1146 Datasheet HTML 6Page - Texas Instruments ADS1146 Datasheet HTML 7Page - Texas Instruments ADS1146 Datasheet HTML 8Page - Texas Instruments ADS1146 Datasheet HTML 9Page - Texas Instruments ADS1146 Datasheet HTML 10Page - Texas Instruments ADS1146 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
ADS1146
ADS1147
ADS1148
www.ti.com
SBAS453F – JULY 2009 – REVISED APRIL 2012
ADS1148 (QFN-32) PIN DESCRIPTIONS
NAME
PIN NO.
FUNCTION
DESCRIPTION
DIN
1
Digital input
Serial data input
SCLK
2
Digital input
Serial clock input
NC
3
Not connected
Pin can be grounded or left disconnected
NC
4
Not connected
Pin can be grounded or left disconnected
NC
5
Not connected
Pin can be grounded or left disconnected
NC
6
Not connected
Pin can be grounded or left disconnected
DVDD
7
Digital
Digital power supply
DGND
8
Digital
Digital ground
CLK
9
Digital input
External clock input. Tie this pin to DGND to activate the internal oscillator.
RESET
10
Digital input
Chip reset (active low). Returns all register values to reset values.
Analog input;
REFP0/GPIO0
11
Positive external reference input 0, or general-purpose digital input/output pin 1
Digital in/out
Analog input;
REFN0/GPIO1
12
Negative external reference input 0, or general-purpose digital input/output pin 1
Digital in/out
REFP1
13
Analog input
Positive external reference 1 input
REFN1
14
Analog input
Negative external reference 1 input
VREFOUT
15
Analog output
Positive internal reference voltage output
Negative internal reference voltage output. Connect this pin to AVSS when using a unipolar
VREFCOM
16
Analog output
supply, or to the midvoltage of the power supply when using a bipolar supply.
AIN0/IEXC
17
Analog input
Analog input 0, optional excitation current output
AIN1/IEXC
18
Analog input
Analog input 1, optional excitation current output
Analog input;
AIN4/IEXC/GPIO4
19
Analog input 4, optional excitation current output, or general-purpose digital input/output pin 4
Digital in/out
Analog input;
AIN5/IEXC/GPIO5
20
Analog input 5, optional excitation current output, or general-purpose digital input/output pin 5
Digital in/out
Analog input;
AIN6/IEXC/GPIO6
21
Analog input 6, optional excitation current output, or general-purpose digital input/output pin 6
Digital in/out
Analog input;
AIN7/IEXC/GPIO7
22
Analog input 7, optional excitation current output, or general-purpose digital input/output pin 7
Digital in/out
Analog input;
AIN2/IEXC/GPIO2
23
Analog input 2, optional excitation current output, or general-purpose digital input/output pin 2
Digital in/out
Analog input;
AIN3/IEXC/GPIO3
24
Analog input 3, optional excitation current output, or general-purpose digital input/output pin 3
Digital in/out
IEXC2
25
Analog output
Excitation current output 2
IEXC1
26
Analog output
Excitation current output 1
AVSS
27
Analog
Negative analog power supply
AVDD
28
Analog
Positive analog power supply
START
29
Digital input
Conversion start. See text for complete description.
Digital input Chip
CS
30
Chip select (active low)
select (active low)
DRDY
31
Digital output
Data ready (active low)
Serial data output, or data out combined with data ready (active low when DRDY function
DOUT/DRDY
32
Digital output
enabled)
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS1146 ADS1147 ADS1148


Podobny numer części - ADS1146

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1146 TI-ADS1146 Datasheet
561Kb / 50P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146 Datasheet
781Kb / 54P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
APRIL2010
ADS1146 TI1-ADS1146 Datasheet
1Mb / 67P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146EVM TI1-ADS1146EVM Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
ADS1146EVM-PDK TI1-ADS1146EVM-PDK Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
More results

Podobny opis - ADS1146

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1146 TI1-ADS1146_14 Datasheet
1Mb / 67P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI-ADS1146 Datasheet
561Kb / 50P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_10 Datasheet
781Kb / 54P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
APRIL2010
ADS1246_101 TI-ADS1246_101 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246_102 TI-ADS1246_102 Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_10 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_13 Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI1-ADS1246_14 Datasheet
1Mb / 71P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248EVM-PDK TI1-ADS1248EVM-PDK Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246 Datasheet
1Mb / 60P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com