Zakładka z wyszukiwarką danych komponentów |
|
UA78L05ACDE4 Arkusz danych(PDF) 7 Page - Texas Instruments |
|
|
UA78L05ACDE4 Arkusz danych(HTML) 7 Page - Texas Instruments |
7 / 27 page µA78L00 SERIES POSITIVE-VOLTAGE REGULATORS SLVS010S − JANUARY 1976 − REVISED FEBRUARY 2004 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified virtual junction temperature, VI = 16 V, IO = 40 mA (unless otherwise noted) PARAMETER TEST CONDITIONS T † µA78L09C µA78L09AC UNIT PARAMETER TEST CONDITIONS TJ† MIN TYP MAX MIN TYP MAX UNIT V 12Vt 24 V I 1A t 40A 25 °C 8.3 9 9.7 8.6 9 9.4 Output voltage VI = 12 V to 24 V, IO = 1 mA to 40 mA 0 °C to 125°C 8.1 9.9 8.55 9.45 V Output voltage IO = 1 mA to 70 mA 0 °C to 125°C 8.1 9.9 8.55 9.45 V Input VI = 12 V to 24 V 25 °C 45 225 45 175 mV Input voltage regulation VI = 13 V to 24 V 25 °C 40 175 40 125 mV Ripple rejection VI = 15 V to 25 V, f = 120 Hz 25 °C 36 45 38 45 dB Output IO = 1 mA to 100 mA 25 °C 19 90 19 90 mV Output voltage regulation IO = 1 mA to 40 mA 25 °C 11 40 11 40 mV Output noise voltage f = 10 Hz to 100 kHz 25 °C 58 58 µV Dropout voltage 25 °C 1.7 1.7 V Bias current 25 °C 4.1 6 4.1 6 mA Bias current 125 °C 5.5 5.5 mA Bias VI = 13 V to 24 V 0 °C to 125°C 1.5 1.5 mA Bias current change IO = 1 mA to 40 mA 0 °C to 125°C 0.2 0.1 mA † Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33- µF capacitor across the input and a 0.1-µF capacitor across the output. electrical characteristics at specified virtual junction temperature, VI = 14 V, IO = 40 mA (unless otherwise noted) PARAMETER TEST CONDITIONS T † µA78L10AC UNIT PARAMETER TEST CONDITIONS TJ† MIN TYP MAX UNIT V 13Vt 25 V I 1A t 40A 25 °C 9.6 10 10.4 Output voltage VI = 13 V to 25 V, IO = 1 mA to 40 mA 0 °C to 125°C 9.5 10.5 V Output voltage IO = 1 mA to 70 mA 0 °C to 125°C 9.5 10.5 V Input voltage regulation VI = 13 V to 25 V 25 °C 51 175 mV Input voltage regulation VI = 14 V to 25 V 25 °C 42 125 mV Ripple rejection VI = 15 V to 25 V, f = 120 Hz 25 °C 37 44 dB Output voltage regulation IO = 1 mA to 100 mA 25 °C 20 90 mV Output voltage regulation IO = 1 mA to 40 mA 25 °C 11 40 mV Output noise voltage f = 10 Hz to 100 kHz 25 °C 62 µV Dropout voltage 25 °C 1.7 V Bias current 25 °C 4.2 6 mA Bias current 125 °C 5.5 mA Bias current change VI = 14 V to 25 V 0 °Cto125°C 1.5 mA Bias current change IO = 1 mA to 40 mA 0 °C to 125°C 0.1 mA † Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33- µF capacitor across the input and a 0.1-µF capacitor across the output. |
Podobny numer części - UA78L05ACDE4 |
|
Podobny opis - UA78L05ACDE4 |