Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AVC24T245 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74AVC24T245
Szczegółowy opis  24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVC24T245 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button SN74AVC24T245 Datasheet HTML 4Page - Texas Instruments SN74AVC24T245 Datasheet HTML 5Page - Texas Instruments SN74AVC24T245 Datasheet HTML 6Page - Texas Instruments SN74AVC24T245 Datasheet HTML 7Page - Texas Instruments SN74AVC24T245 Datasheet HTML 8Page - Texas Instruments SN74AVC24T245 Datasheet HTML 9Page - Texas Instruments SN74AVC24T245 Datasheet HTML 10Page - Texas Instruments SN74AVC24T245 Datasheet HTML 11Page - Texas Instruments SN74AVC24T245 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
SN74AVC24T245
24-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES552C – FEBRUARY 2004 – REVISED AUGUST 2005
over recommended operating free-air temperature range, V
CCA = 1.8 V ± 0.15 V (see Figure 1)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
3.4
0.5
5.9
0.5
4.8
0.5
3.7
0.5
3.3
A
B
ns
tPHL
3.4
0.5
5.9
0.5
4.8
0.5
3.7
0.5
3.3
tPLH
3
0.5
5.2
0.5
4.8
0.5
4.5
0.5
4.4
B
A
ns
tPHL
3
0.5
5.2
0.5
4.8
0.5
4.5
0.5
4.4
tPZH
3.4
1
7.8
1
7.8
1
7.8
1
7.8
OE
A
ns
tPZL
3.4
1
7.8
1
7.8
1
7.8
1
7.8
tPZH
5.4
1
9.2
0.5
7.4
0.5
5.3
0.5
4.5
OE
B
ns
tPZL
5.4
1
9.2
0.5
7.4
0.5
5.3
0.5
4.5
tPHZ
4.2
1.5
7.7
1.5
7.7
1.5
7.7
1.5
7.7
OE
A
ns
tPLZ
4.2
1.5
7.7
1.5
7.7
1.5
7.7
1.5
7.7
tPHZ
5.2
1.5
8.4
1.5
7.1
1
5.9
1
5.7
OE
B
ns
tPLZ
5.2
1.5
8.4
1.5
7.1
1
5.9
1
5.7
over recommended operating free-air temperature range, V
CCA = 2.5 V ± 0.2 V (see Figure 1)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
3.2
0.5
5.6
0.5
4.5
0.5
3.3
0.5
2.8
A
B
ns
tPHL
3.2
0.5
5.6
0.5
4.5
0.5
3.3
0.5
2.8
tPLH
2.6
0.5
4.1
0.5
3.7
0.5
3.3
0.5
3.2
B
A
ns
tPHL
2.6
0.5
4.1
0.5
3.7
0.5
3.3
0.5
3.2
tPZH
2.5
0.5
5.3
0.5
5.3
0.5
5.3
0.5
5.3
OE
A
ns
tPZL
2.5
0.5
5.3
0.5
5.3
0.5
5.3
0.5
5.3
tPZH
5.2
0.5
9.4
0.5
7.3
0.5
5.1
0.5
4.5
OE
B
ns
tPZL
5.2
0.5
9.4
0.5
7.3
0.5
5.1
0.5
4.5
tPHZ
3
1
6.1
1
6.1
1
6.1
1
6.1
OE
A
ns
tPLZ
3
1
6.1
1
6.1
1
6.1
1
6.1
tPHZ
5
1
7.9
1
6.6
1
6.1
1
5.2
OE
B
ns
tPLZ
5
1
7.9
1
6.6
1
6.1
1
5.2
8


Podobny numer części - SN74AVC24T245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AVC24T245 TI-SN74AVC24T245 Datasheet
286Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245 Datasheet
287Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245 Datasheet
1Mb / 29P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVC24T245GRG/ZRG TI-SN74AVC24T245GRG/ZRG Datasheet
1Mb / 29P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVC24T245GRGR TI-SN74AVC24T245GRGR Datasheet
286Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Podobny opis - SN74AVC24T245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AVCH24T245 TI-SN74AVCH24T245 Datasheet
347Kb / 15P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
AVCE6467T-2 TI1-AVCE6467T-2 Datasheet
366Kb / 15P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245_06 Datasheet
287Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245 Datasheet
286Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245_V01 Datasheet
1Mb / 29P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVCH24T245 TI-SN74AVCH24T245_V01 Datasheet
1Mb / 27P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com