Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AVC24T245 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74AVC24T245
Szczegółowy opis  24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVC24T245 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button SN74AVC24T245 Datasheet HTML 6Page - Texas Instruments SN74AVC24T245 Datasheet HTML 7Page - Texas Instruments SN74AVC24T245 Datasheet HTML 8Page - Texas Instruments SN74AVC24T245 Datasheet HTML 9Page - Texas Instruments SN74AVC24T245 Datasheet HTML 10Page - Texas Instruments SN74AVC24T245 Datasheet HTML 11Page - Texas Instruments SN74AVC24T245 Datasheet HTML 12Page - Texas Instruments SN74AVC24T245 Datasheet HTML 13Page - Texas Instruments SN74AVC24T245 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VOH
VOL
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
2
× VCCO
Open
GND
RL
RL
tPLH
tPHL
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 2
× VCCO
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
VCCA/2
VCCA/2
VCCI/2
VCCI/2
VCCI
0 V
VCCO/2
VCCO/2
VOH
VOL
0 V
VCCO/2
VOL + VTP
VCCO/2
VOH − VTP
0 V
VCCI
0 V
VCCI/2
VCCI/2
tw
Input
VCCA
VCCO
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Output
Input
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
2
× VCCO
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRRv10 MHz, ZO = 50 Ω, dv/dt ≥ 1 V/ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. VCCI is the VCC associated with the input port.
I. VCCO is the VCC associated with the output port.
1.5 V
± 0.1 V
1.8 V
± 0.15 V
2.5 V
± 0.2 V
3.3 V
± 0.3 V
2 k
2 k
2 k
2 k
VCCO
RL
0.1 V
0.15 V
0.15 V
0.3 V
VTP
CL
15 pF
15 pF
15 pF
15 pF
SN74AVC24T245
24-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES552C – FEBRUARY 2004 – REVISED AUGUST 2005
Figure 1. Load Circuit and Voltage Waveforms
10


Podobny numer części - SN74AVC24T245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AVC24T245 TI-SN74AVC24T245 Datasheet
286Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245 Datasheet
287Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245 Datasheet
1Mb / 29P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVC24T245GRG/ZRG TI-SN74AVC24T245GRG/ZRG Datasheet
1Mb / 29P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVC24T245GRGR TI-SN74AVC24T245GRGR Datasheet
286Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Podobny opis - SN74AVC24T245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AVCH24T245 TI-SN74AVCH24T245 Datasheet
347Kb / 15P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
AVCE6467T-2 TI1-AVCE6467T-2 Datasheet
366Kb / 15P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245_06 Datasheet
287Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245 Datasheet
286Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245_V01 Datasheet
1Mb / 29P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVCH24T245 TI-SN74AVCH24T245_V01 Datasheet
1Mb / 27P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com