Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74HC4852-Q1 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74HC4852-Q1
Szczegółowy opis  DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC4852-Q1 Arkusz danych(HTML) 4 Page - Texas Instruments

  SN74HC4852-Q1 Datasheet HTML 1Page - Texas Instruments SN74HC4852-Q1 Datasheet HTML 2Page - Texas Instruments SN74HC4852-Q1 Datasheet HTML 3Page - Texas Instruments SN74HC4852-Q1 Datasheet HTML 4Page - Texas Instruments SN74HC4852-Q1 Datasheet HTML 5Page - Texas Instruments SN74HC4852-Q1 Datasheet HTML 6Page - Texas Instruments SN74HC4852-Q1 Datasheet HTML 7Page - Texas Instruments SN74HC4852-Q1 Datasheet HTML 8Page - Texas Instruments SN74HC4852-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.ti.com
Electrical Characteristics
Injection-Current Coupling Specifications
SN74HC4852-Q1
DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
WITH INJECTION-CURRENT EFFECT CONTROL
SCLS705A – DECEMBER 2006 – REVISED FEBRUARY 2008
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
–40
°C to 85°C
–40
°C to 125°C
TEST
PARAMETER
VCC
UNIT
CONDITIONS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
2 V
500
650
670
700
IS ≤ 2 mA,
3 V
215
280
320
360
On-state switch
VI = VCC to GND,
ron
3.3 V
210
270
305
345
resistance
VINH = VIL
4.5 V
160
210
240
270
(see Figure 5)
6 V
150
195
220
250
2 V
4
20
24
26
Difference in
3 V
2
14
16
18
IS ≤ 2 mA,
on-state
Δron
VI = VCC/2,
3.3 V
2
14
16
18
resistance
VINH = VIL
4.5 V
2
10
14
18
between switches
6 V
3
11
15
20
Control input
II
VI = VCC or GND
6 V
±0.1
±0.1
±1
µA
current
Off-state switch
VI = VCC or GND,
leakage current
VINH = VIH
±0.1
±0.5
±1
(any one channel)
(see Figure 6)
IS(off)
6 V
µA
Off-state switch
VI = VCC or GND,
leakage current
VINH = VIH
±0.2
±2
±4
(common
(see Figure 7)
channel)
VI = VCC or GND,
On-state switch
IS(on)
VINH = VIL
6 V
±0.1
±0.5
±1
µA
leakage current
(see Figure 8)
ICC
Supply current
VI = VCC or GND
6 V
2
5
10
µA
Control input
CIC
A, B, INH
3.5
10
10
10
pF
capacitance
Common terminal
CIS
Switch off
22
40
40
40
pF
capacitance
Switch terminal
COS
Switch off
6.7
15
15
15
pF
capacitance
TA = –40°C to 125°C (see Figure 1)
PARAMETER
VCC
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
3.3 V
0.05
1
II
(2) ≤ 1 mA
5 V
0.1
1
RS ≤ 3.9 kΩ
3.3 V
0.345
5
II
(2) ≤ 10 mA
5 V
0.067
5
Maximum shift of output voltage of
VΔout
mV
enabled analog channel
3.3 V
0.05
2
II
(2) ≤ 1 mA
5 V
0.11
2
RS ≤ 20 kΩ
3.3 V
0.05
20
II
(2) ≤ 10 mA
5 V
0.024
20
(1)
Typical values are measured at TA = 25°C.
(2)
II = total current injected into all disabled channels
4
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): SN74HC4852-Q1


Podobny numer części - SN74HC4852-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74HC4852 TI-SN74HC4852 Datasheet
384Kb / 16P
[Old version datasheet]   DUAL 4 TO 1 CHANNEL ANALOG MULTIPLEXER /DEMULTIPLEXER
SN74HC4852 TI-SN74HC4852 Datasheet
463Kb / 22P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4852 TI-SN74HC4852 Datasheet
531Kb / 20P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4852D TI-SN74HC4852D Datasheet
384Kb / 16P
[Old version datasheet]   DUAL 4 TO 1 CHANNEL ANALOG MULTIPLEXER /DEMULTIPLEXER
SN74HC4852D TI-SN74HC4852D Datasheet
463Kb / 22P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
More results

Podobny opis - SN74HC4852-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74HC4852 TI-SN74HC4852_07 Datasheet
463Kb / 22P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4852 TI-SN74HC4852_08 Datasheet
531Kb / 20P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HC_HCT4852 PHILIPS-74HC_HCT4852_15 Datasheet
123Kb / 20P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
Nexperia B.V. All right...
74HC4852-Q100 NEXPERIA-74HC4852-Q100 Datasheet
847Kb / 21P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
74HCT4852 NEXPERIA-74HCT4852 Datasheet
297Kb / 19P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
logo
NXP Semiconductors
74HCT4852 NXP-74HCT4852 Datasheet
114Kb / 20P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
74HCT4851 NXP-74HCT4851 Datasheet
114Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Texas Instruments
SN74HC4851 TI-SN74HC4851_08 Datasheet
689Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851 TI-SN74HC4851_10 Datasheet
630Kb / 22P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HC4851-Q100 NXP-74HC4851-Q100 Datasheet
260Kb / 21P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 1-2 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com