Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LD02-10B03 Arkusz danych(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Numer części LD02-10B03
Szczegółowy opis  1W/2W, ULTRA SMALL SIZE AC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MORNSUN [MORNSUN Science& Technology Ltd.]
Strona internetowa  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LD02-10B03 Arkusz danych(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  LD02-10B03 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LD02-10B03 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LD02-10B03 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LD01 & LD02
A/2-2012
Page 2 of 3
COMMON SPECIFICATIONS
Operating
-25℃~+70℃(55~70℃derating)
Power derating
(above 55
°C)
3.3% / ℃
Temperature Ranges
Storage
-40℃~+85℃
Operating Humidity
30~90%RH
Humidity
Storage Humidity
20~95%RH
Switching Frequency
100KHz(max)
I/O-isolation Voltage
(Input to Output)
3000VAC/1Min
CE
CISPR22/EN55022, CLASS B
EMI
RE
CISPR22/EN55022, CLASS B
ESD
IEC/EN61000-4-2
Contact
±4KV /Air ±8KV
perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
EFT*
IEC/EN61000-4-4
±2KV
perf. Criteria B
Surge Immunity *
IEC/EN61000-4-5
±1KV/±2KV
perf. Criteria B
CS
IEC/EN61000-4-6
10 Vr.m.s
perf. Criteria A
PFM
IEC/EN61000-4-8
10A/m
perf. Criteria A
EMC
EMS
Voltage
dips,
short
and
interruptions immunity
IEC/EN61000-4-11
0%-70%
perf. Criteria B
Safety approvals
UL60950/EN60950
Safety Class
CLASS
Case Material
UL94V-0
Install
PCB
Cooling
Free air convection
MTBF
>300,000h @25
°C
Weight
20g(typ)
Note: 1.*External circuit is required to models at inrush and electrical fast transients experiment, refer to typical application.
2. Models listed with strike-through text have been officially discontinued.
3. Unless otherwise specified, all specifications above are measured at rated input voltage and rated output load, TA=25
°C, humidity < 75%.
4. All specifications stated in this datasheet are subject to the above listed models only. For specifications of non-standard models, please contact our technical support
team.
PARALLEL LINES MEASURE
AC-DC
+Vo
-Vo
FU SE
L
N
25. 4mm
2 5.4 mm
C1
C2
12. 7mm
C o p p e r sh e et
C on n e ct
Osc illo g r a p h Pr o be
L o ad
L
N
Note: C1: 1
μF (ceramic capacitor) C2: 10μF (electrolytic capacitor)
PRODUCT TYPICAL CURVE
50
100
60
80
Load(%)
Te mpe r a tu re ()
0
-25
40
70
30
55
Input voltage VS Efficiency curve(Load=100%)
40
45
50
55
60
65
70
75
80
85
85
120
220
240
264
305
Input voltage(VAC)
LD01-10B03
LD01-10B05
LD01-10B09
LD01-10B12
LD01-10B15
LD01-10B24
Load VS Efficiency curve(Vin=220Vac)
40
45
50
55
60
65
70
75
80
85
10
20
30
40
50
60
70
80
90
100
Load(%)
LD01-10 B03
LD01-10 B05
LD01-10 B09
LD01-10 B12
LD01-10 B15
LD01-10 B24


Podobny numer części - LD02-10B03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gulf Semiconductor
LD02 GULFSEMI-LD02 Datasheet
202Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.6A
logo
AVX Corporation
LD021A101BAB2A AVX-LD021A101BAB2A Datasheet
1Mb / 14P
   MLCC Tin/Lead Termination "B" (LD Series)
LD021A101BAB4A AVX-LD021A101BAB4A Datasheet
1Mb / 14P
   MLCC Tin/Lead Termination "B" (LD Series)
LD021A101BAX2A AVX-LD021A101BAX2A Datasheet
1Mb / 14P
   MLCC Tin/Lead Termination "B" (LD Series)
LD021A101BAX4A AVX-LD021A101BAX4A Datasheet
1Mb / 14P
   MLCC Tin/Lead Termination "B" (LD Series)
More results

Podobny opis - LD02-10B03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
LDE02-23B03 MORNSUN-LDE02-23B03 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
logo
Toppower Electronic Tec...
TP01AZ TOPPOWER-TP01AZ_V02 Datasheet
459Kb / 3P
   1W, 2W 3KVAC Isolation Wide Input AC/DC Converters
TP01AZ TOPPOWER-TP01AZ_V01 Datasheet
261Kb / 3P
   1W, 2W 3KVAC Isolation Wide Input AC/DC Converters
TP0102AZ TOPPOWER-TP0102AZ Datasheet
668Kb / 3P
   1W, 2W 3KVAC Isolation Wide Input AC/DC Converters
TP01AZ TOPPOWER-TP01AZ Datasheet
681Kb / 3P
   1W, 2W 3KVAC Isolation Wide Input AC/DC Converters
logo
Bellnix Co.,Ltd.
BR-S BELLNIX-BR-S Datasheet
218Kb / 1P
   Ultra Low Noise, Small Size, Isolated Type DC-DC Converter
BR-LB BELLNIX-BR-LB Datasheet
184Kb / 1P
   Ultra Low Noise, Small Size, Isolated Type DC-DC Converter
BTD BELLNIX-BTD Datasheet
1Mb / 14P
   The Fitfth Generation, Ultra Small Size, Isolated DC-DC Converter
BTA BELLNIX-BTA Datasheet
174Kb / 14P
   The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
logo
Volgen Kaga Electronics...
VHV12-470S06P VOLGEN-VHV12-470S06P Datasheet
270Kb / 2P
   Ultra small size adjustable output type high voltage power supply 2W to 2.6W high voltage DC-DC converter
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com