Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LD10-20B09 Arkusz danych(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Numer części LD10-20B09
Szczegółowy opis  LD10 series ----is a compact size power converter offered by Mornsun.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MORNSUN [MORNSUN Science& Technology Ltd.]
Strona internetowa  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LD10-20B09 Arkusz danych(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  LD10-20B09 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LD10-20B09 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LD10-20B09 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LD10-20B09 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LD10-20BXX
A/3-2012
Page3 of 4
TYPICAL APPLICATIONS
L
+Vo
-Vo
L
N
N
C1
C2
FUSE
TVS
RL
NTC
M OV
+
Figure 1:LD10 application circuit
L
N
+Vo
-Vo
AC-DC
L
N
+Vo
-Vo
Figure 2: Note: This application is not supported for this series.
OUTPUT
can use MORNSUN
’s FC-L01D
N
L
N
L
LCM
MOV
R2
R1
R3
CX
CY3
CY4
ACDC
CY1
CY2
FUSE
Figure 3:LD10 series Recommended circuit for application require higher EMC standard
(external circuit output same as above)
Figure 4: EMC application circuit PCB layout
Safety and recommend wiring: linewidth A≥3mm,C≥9mm
EXTERNAL CAPACITORS TYPICAL VALUE
Model
C1
C2
TVS
LD10-20B03
1
µF /50V
220
µF /10V
SMBJ7.0A
LD10-20B05
1
µF /50V
220
µF /10V
SMBJ7.0A
LD10-20B09
1
µF /50V
120
µF /25V
SMBJ12A
LD10-20B12
1
µF /50V
120
µF /25V
SMBJ20A
LD10-20B15
1
µF /50V
120
µF /25V
SMBJ20A
LD10-20B24
1
µF /50V
68
µF /35V
SMBJ30A
Note:
1. Output filtering capacitors C1 is ceramic capacitor, it is used to filter high frequency noise. C2 is electrolytic capacitors, It is recommended to use high frequency
and low impedance electrolytic capacitors. For capacitance and current of capacitor please refer to manufacture
’s datasheet. Voltage derating of capacitor should
be 80% or above. TVS is a recommended component to protect post-circuits (if converter fails). External input NTC model is recommended to use 5D-9.
2. For standard EMC requirement, please refer to figure 1, if higher EMC requirement, please refer to figure 3 or figure 4.
MOV: Varistor,
model: 561KD14,it is used to protect the device under surge;
R1 、R2:2Ω/3W Winding resistor;
R3:1M
Ω/2W;
CY1、CY2、CY3、CY4:102M/400VAC;
CX:0.22
µF /275VAC;
LCM
10mH-30mH;
FC-L01D:MORNSUN
’s 2KV/4KV Surge protector.
3.FUSE:LD10 is recommended to use 2A/250V.
PCB MOUNTING WITH SOLDER PINS
1
3
4
2
N
L
+Vo
- Vo
RECOMMENDED FOOTPRINT
Ф1.50[0.059]
2
1
3
4
(Bottom Vie w)
Note: grid2.54*2.54mm.
FOOTPRINT DETAILS
PIN
FUNCTION
Note:
Unit: mm[inch]
Pin diameter tolerances:
± .10mm[± 0.004inch]
General tolerances:
± 0.50mm[± 0.020inch]
0
(Ma in Vie w)
53.80[2.118]
45.72[1.800]
1
2
3
4
Ф1.00
[0.03 9]


Podobny numer części - LD10-20B09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
LD10-20B09 MORNSUN-LD10-20B09 Datasheet
2Mb / 6P
   10W, AC/DC converter
More results

Podobny opis - LD10-20B09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
LH10-10B24A2 MORNSUN-LH10-10B24A2 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LB10-10B24A2 MORNSUN-LB10-10B24A2 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LD12-20B12A2 MORNSUN-LD12-20B12A2 Datasheet
543Kb / 5P
   LD12 series ----- are the 12W compact size power converter offered by Mornsun.
LO10-00B24E MORNSUN-LO10-00B24E Datasheet
242Kb / 4P
   LO10 series -- is a open frame switching power supply offered by MORNSUN.
LH10-10B12ER2A2 MORNSUN-LH10-10B12ER2A2 Datasheet
597Kb / 6P
   LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
logo
Cherry Semiconductor Co...
JK-0700 CHERRY-JK-0700 Datasheet
88Kb / 2P
   CHERRY JK-0700 is advanced CHERRY technology in a compact size
logo
TOKYO SEIMITSU CO., LTD
OPT-MEASURE ACCRETECH-OPT-MEASURE Datasheet
454Kb / 1P
   Texture, contour and hybrid. Unprecedented scalability offered by one machine
logo
MORNSUN Science& Techno...
LS01-15B15S MORNSUN-LS01-15B15S Datasheet
412Kb / 4P
   LS01 Series ----- are high efficiency green power modules with miniature packaging provided by Mornsun.
logo
Communications & Power ...
3CPX800A7 CPI-3CPX800A7 Datasheet
104Kb / 1P
   The 3CPX800A7 is a compact high-mu power
logo
Littelfuse
K2000YH LITTELFUSE-K2000YH Datasheet
247Kb / 10P
   It is offered in a DO-15 and TO-92 leaded packages
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com