Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1100P Arkusz danych(PDF) 4 Page - Sony Corporation

Numer części CXA1100P
Szczegółowy opis  DOLBY B TYPE NOISE REDUCTION SYSTEM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1100P Arkusz danych(HTML) 4 Page - Sony Corporation

  CXA1100P Datasheet HTML 1Page - Sony Corporation CXA1100P Datasheet HTML 2Page - Sony Corporation CXA1100P Datasheet HTML 3Page - Sony Corporation CXA1100P Datasheet HTML 4Page - Sony Corporation CXA1100P Datasheet HTML 5Page - Sony Corporation CXA1100P Datasheet HTML 6Page - Sony Corporation CXA1100P Datasheet HTML 7Page - Sony Corporation CXA1100P Datasheet HTML 8Page - Sony Corporation CXA1100P Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
– 4 –
CXA1100/CXA1101/CXA1102/CXA1163
Block Diagram
Test Circuit
C21
C22
C24
4.7µ
LINE OUT
C23
0.68µ
C14
4.7µ
LINE OUT
C13
0.68µ
R1
43k
C12
C11
PB IN
PB IN
REC IN
C1
100µ
REC IN
4
5
7
12
2
13
ATT2
ATT3
ATT3
SC
DET
ATT2
ATT3
ATT1
SC
DET
6
3
1
ATT2
ATT3
ATT1
SC
DET
9
10
11
14
15
16
8
Vcc
ON/OFF
REC OUT
C25
4.7µ
ATT: Attenuator
SC : Side Chain
DET: Detector
C15
4.7µ
REC OUT
REC/PB
R
P
R21
5.1k
OFF
S4
C21
R22
5.1k
C2
100µ
C22
C1
100µ
R5
510
S2
P
R
S1
C24
4.7µ
P
R
S5-2
C23
0.68µ
R
P
R11
5.1k
OFF
S3
C11
R12
5.1k
C12
R1
43k
C14
4.7µ
P
R
S5-1
C13
0.68µ
3
4
5
6
7
8
9
10
11
12
14
15
1
2
13
16
R3
12k
Audio
SG
A
Vcc
+15V
1
2 S6-2
R2
10k
DC Level
Meter
C25
4.7µ
1
2
S6-1
CCIR/ARM
Filter
OFF
ON
S7
AC Level
Meter
Distortion
Analyzer
ON
OFF
R4
2k
C16
4.7µ


Podobny numer części - CXA1100P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CXA1101 ETC2-CXA1101 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Sony Corporation
CXA1103 SONY-CXA1103 Datasheet
123Kb / 6P
   PHOTODIODE I-V CONVERSION AMPLIFIER
CXA1103AM SONY-CXA1103AM Datasheet
123Kb / 6P
   PHOTODIODE I-V CONVERSION AMPLIFIER
CXA1106 SONY-CXA1106 Datasheet
350Kb / 19P
   8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
CXA1106M SONY-CXA1106M Datasheet
350Kb / 19P
   8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
More results

Podobny opis - CXA1100P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
12136AF HITACHI-12136AF Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
logo
Sony Corporation
CXA1550P SONY-CXA1550P Datasheet
232Kb / 16P
   Dolby B type Noise Reduction System
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
   DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
   Dolby B-C Type Noise Reduction System
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
   DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
New Japan Radio
NJM2085 NJRC-NJM2085 Datasheet
160Kb / 4P
   PREAMPLIFIER AND DOLBY B TYPE NOISE REDUCTION SYSTEM
logo
NTE Electronics
NTE2000 NTE-NTE2000 Datasheet
82Kb / 2P
   Integrated Circuit Dolby B Type Noise Reduction System
logo
Hitachi Semiconductor
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
   DOLBY B-C TYPE NOISE REDUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com