Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1315P Arkusz danych(PDF) 6 Page - Sony Corporation

Numer części CXA1315P
Szczegółowy opis  8-bit D/A Converter Supporting with I2C Bus
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1315P Arkusz danych(HTML) 6 Page - Sony Corporation

Back Button CXA1315P Datasheet HTML 2Page - Sony Corporation CXA1315P Datasheet HTML 3Page - Sony Corporation CXA1315P Datasheet HTML 4Page - Sony Corporation CXA1315P Datasheet HTML 5Page - Sony Corporation CXA1315P Datasheet HTML 6Page - Sony Corporation CXA1315P Datasheet HTML 7Page - Sony Corporation CXA1315P Datasheet HTML 8Page - Sony Corporation CXA1315P Datasheet HTML 9Page - Sony Corporation CXA1315P Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
– 6 –
CXA1315M/P
Definition of I2C Bus Register
<SIave address>
0100
SAD2 SAD1
SAD0
R/W
MSB
LSB
R/W
0: SLAVE RECEIVER
1: SLAVE TRANSMITTER
SAD0 to 2:11 to13 pin
0: "Low"
1: "High"
<Register table>
• With the lC reset all registers are reset to "0"
∗: Not defined
• x: Don't care
• Sub address is auto incremented
• lt can be used as a 6-bit D/A converter by setting the lower two bits of DAC0 to 4 registers to "0", but take
care that the max. voltage of DA output will lower about 100mV compared with the use of 8 bits.
Control Register
Sub address
xxxxx 0 0 0
xxxxx 0 0 1
xxxxx 0 1 0
xxxxx 0 1 1
xxxxx 1 0 0
xxxxx 1 0 1
Bit 7
REF
DAC0 (8)
DAC1 (8)
DAC2 (8)
DAC3 (8)
DAC4 (8)
Bit 6
Bit 5
Bit 4
Bit 3
SW3
Bit 2
SW2
Bit 1
SW1
Bit 0
SW0
Bit 7
PONRES
Bit 6
0
Bit 5
0
Bit 4
0
Bit 3
ST3
Bit 2
ST2
Bit 1
ST1
Bit 0
ST0
Status Register


Podobny numer części - CXA1315P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CXA1310 CREE-CXA1310 Datasheet
1Mb / 19P
   XLamp
CXA1310-0000-000F00H427F CREE-CXA1310-0000-000F00H427F Datasheet
1Mb / 19P
   XLamp
CXA1310-0000-000F00H427H CREE-CXA1310-0000-000F00H427H Datasheet
1Mb / 19P
   XLamp
CXA1310-0000-000F00J227F CREE-CXA1310-0000-000F00J227F Datasheet
1Mb / 19P
   XLamp
CXA1310-0000-000F00J227H CREE-CXA1310-0000-000F00J227H Datasheet
1Mb / 19P
   XLamp
More results

Podobny opis - CXA1315P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1875AP SONY-CXA1875AP Datasheet
171Kb / 10P
   8-bit D/A Converter Compatible with I2C Bus
logo
Mitsubishi Electric Sem...
M62334P MITSUBISHI-M62334P Datasheet
33Kb / 6P
   8-BIT 4CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62332P MITSUBISHI-M62332P Datasheet
37Kb / 6P
   8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62393P MITSUBISHI-M62393P Datasheet
85Kb / 5P
   8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62333PFP RENESAS-M62333PFP_15 Datasheet
127Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P_15 Datasheet
126Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P Datasheet
127Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62334P RENESAS-M62334P_08 Datasheet
143Kb / 10P
   8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
M62333P RENESAS-M62333P Datasheet
128Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62398P RENESAS-M62398P Datasheet
2Mb / 8P
   8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com