Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1315 Arkusz danych(PDF) 3 Page - Sony Corporation

Numer części CXA1315
Szczegółowy opis  8-bit D/A Converter Supporting with I2C Bus
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1315 Arkusz danych(HTML) 3 Page - Sony Corporation

  CXA1315 Datasheet HTML 1Page - Sony Corporation CXA1315 Datasheet HTML 2Page - Sony Corporation CXA1315 Datasheet HTML 3Page - Sony Corporation CXA1315 Datasheet HTML 4Page - Sony Corporation CXA1315 Datasheet HTML 5Page - Sony Corporation CXA1315 Datasheet HTML 6Page - Sony Corporation CXA1315 Datasheet HTML 7Page - Sony Corporation CXA1315 Datasheet HTML 8Page - Sony Corporation CXA1315 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
– 3 –
CXA1315M/P
Pin Description
No.
Symbol
1
2
9
10
SW1
SW0
SW2
SW3
14
SDA
Equivalent circuit
Description
I/O pin for genera-purpose I/O port
VILmax: 1.5V
VIHmin:3V
VOLmax: 0.4V
SDA I/O pin for I2C bus
150
VCC
4.5k
VCC
11
12
13
SAD0
SAD1
SAD2
15
16
SCL
VCC
Slave address input pin
Input at positive logic
VILmax: 1.5V
VIHmin:3V
SCL input pin for I2C bus
Power supply pin
150
VCC
4.5k
VCC
3
4
5
6
7
DAC4
DAC3
DAC2
DAC1
DAC0
8
GND
D/A converter output pin
GND pin
56
VCC
VCC
20k
20k
22k
Electrical Characteristics
(Ta = 25°C, VCC = 9V)
No.
1
Item
Circuit current
Symbol
lcc
Test conditions
Min.
DAC 0 to 4 = 127
Test
circuit
1
8
Typ.
11
Max.
15
Unit
mA
D/A Converter Block
2
3
4
5
6
7
Differential linearity
Minimum output
voltage
Maximum output
voltage
Output current
Output impedance
Repple rejection
DLE
Vmin
Vmax
Iout
Zo
Grip
V (DAC0 to 4 = n + 1) – V (DAC0 to 4 = N) × 128 –1
V (DAC0 to 4 = 191) – V (DAC0 to 4 = 63)
n = 0 to 127
DAC 0 to 4 = 0
DAC 0 to 4 = 255
Current that can be flowed from Pins 3 to 7
V (–1mA) – V (1mA)
DAC 0 to 4 = 127,
2mA
DAC 0 to 4 = 127, REF = 0
Superimose 100Hz to VCC, 1Vp-p
1
1
1
2
2
3
–1
0.1
8.3
–1
0
0
0.4
8.5
3
–60
+1.1
0.62
8.9
+1
6
–40
LSB
V
V
mA
dB


Podobny numer części - CXA1315

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CXA1310 CREE-CXA1310 Datasheet
1Mb / 19P
   XLamp
CXA1310-0000-000F00H427F CREE-CXA1310-0000-000F00H427F Datasheet
1Mb / 19P
   XLamp
CXA1310-0000-000F00H427H CREE-CXA1310-0000-000F00H427H Datasheet
1Mb / 19P
   XLamp
CXA1310-0000-000F00J227F CREE-CXA1310-0000-000F00J227F Datasheet
1Mb / 19P
   XLamp
CXA1310-0000-000F00J227H CREE-CXA1310-0000-000F00J227H Datasheet
1Mb / 19P
   XLamp
More results

Podobny opis - CXA1315

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1875AP SONY-CXA1875AP Datasheet
171Kb / 10P
   8-bit D/A Converter Compatible with I2C Bus
logo
Mitsubishi Electric Sem...
M62334P MITSUBISHI-M62334P Datasheet
33Kb / 6P
   8-BIT 4CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62332P MITSUBISHI-M62332P Datasheet
37Kb / 6P
   8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62393P MITSUBISHI-M62393P Datasheet
85Kb / 5P
   8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62333PFP RENESAS-M62333PFP_15 Datasheet
127Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P_15 Datasheet
126Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P Datasheet
127Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62334P RENESAS-M62334P_08 Datasheet
143Kb / 10P
   8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
M62333P RENESAS-M62333P Datasheet
128Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62398P RENESAS-M62398P Datasheet
2Mb / 8P
   8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com