Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1131ID Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1131ID
Szczegółowy opis  18-Bit Analog-to-Digital Converter for Bridge Sensors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1131ID Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADS1131ID Datasheet HTML 6Page - Texas Instruments ADS1131ID Datasheet HTML 7Page - Texas Instruments ADS1131ID Datasheet HTML 8Page - Texas Instruments ADS1131ID Datasheet HTML 9Page - Texas Instruments ADS1131ID Datasheet HTML 10Page - Texas Instruments ADS1131ID Datasheet HTML 11Page - Texas Instruments ADS1131ID Datasheet HTML 12Page - Texas Instruments ADS1131ID Datasheet HTML 13Page - Texas Instruments ADS1131ID Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
DRDY/DOUT
17
16
15
1
18
0
LSB
MSB
Data
DataReady
SCLK
t
DS
t
CONV
t
SCLK
t
PD
NewDataReady
t
SCLK
t
HT
t
UPDATE
ADS1131
SBAS449B
– JULY 2009 – REVISED SEPTEMBER 2011
www.ti.com
DATA READY/DATA OUTPUT (DRDY/DOUT)
DATA RETRIEVAL
This digital output pin serves two purposes. First, it
The ADS1131 continuously converts the analog input
indicates when new data are ready by going low.
signal. To retrieve data, wait until DRDY/DOUT goes
Afterwards, on the first rising edge of SCLK, the
low, as shown in Figure 6. After DRDY/DOUT goes
DRDY/DOUT
pin
changes
function
and
begins
low, begin shifting out the data by applying SCLKs.
outputting the conversion data, most significant bit
Data are shifted out MSB first. It is not required to
(MSB) first. Data are shifted out on each subsequent
shift out all 18 bits of data, but the data must be
SCLK rising edge. After all 18 bits have been
retrieved before new data are updated (within tCONV)
retrieved, the pin can be forced high with an
or else the data will be overwritten. Avoid data
additional SCLK. It then stays high until new data are
retrieval during the update period (tUPDATE). If only 18
ready. This configuration is useful when polling on the
SCLKs have been applied, DRDY/DOUT remains at
status of DRDY/DOUT to determine when to begin
the state of the last bit shifted out until it is taken high
data retrieval.
(see tUPDATE), indicating that new data are being
updated. To avoid having DRDY/DOUT remain in the
state of the last bit, the 19th SCLK can be applied to
SERIAL CLOCK INPUT (SCLK)
force DRDY/DOUT high, as shown in Figure 7. This
This digital input shifts serial data out with each rising
technique is useful when a host controlling the device
edge. This input has built-in hysteresis, but care
is polling DRDY/DOUT to determine when data are
should still be taken to ensure a clean signal. Glitches
ready.
or slow-rising signals can cause unwanted additional
shifting. For this reason, it is best to make sure the
rise and fall times of SCLK are both less than 50ns.
Figure 6. 18-Bit Data Retrieval Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tDS
DRDY/DOUT low to first SCLK rising edge
0
ns
tSCLK
SCLK positive or negative pulse width
100
ns
tPD
(1)
SCLK rising edge to new data bit valid: propagation delay
50
ns
tHT
(1)
SCLK rising edge to old data bit valid: hold time
20
ns
tUPDATE
Data updating: no readback allowed
90
μs
SPEED = 1
12.5
ms
tCONV
Conversion time (1/data rate)
SPEED = 0
100
ms
(1) Minimum required from simulation.
10
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated


Podobny numer części - ADS1131ID

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1131ID TI-ADS1131ID Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131ID TI-ADS1131ID Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131ID TI1-ADS1131ID Datasheet
623Kb / 31P
[Old version datasheet]   ADS1131REF and ADS1231REF
ADS1131ID TI1-ADS1131ID Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131IDR TI-ADS1131IDR Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
More results

Podobny opis - ADS1131ID

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_14 Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI-ADS1131 Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com