Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP101-Q1 Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części TMP101-Q1
Szczegółowy opis  DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TMP101-Q1 Arkusz danych(HTML) 2 Page - Texas Instruments

  TMP101-Q1 Datasheet HTML 1Page - Texas Instruments TMP101-Q1 Datasheet HTML 2Page - Texas Instruments TMP101-Q1 Datasheet HTML 3Page - Texas Instruments TMP101-Q1 Datasheet HTML 4Page - Texas Instruments TMP101-Q1 Datasheet HTML 5Page - Texas Instruments TMP101-Q1 Datasheet HTML 6Page - Texas Instruments TMP101-Q1 Datasheet HTML 7Page - Texas Instruments TMP101-Q1 Datasheet HTML 8Page - Texas Instruments TMP101-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TMP100-Q1
TMP101-Q1
SBOS581
– SEPTEMBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
TMP100NAQDBVRQ1
PREVIEW
–40°C to 125°C
SOT23-6 - DBV
Reel of 2000
TMP101NAQDBVRQ1
DUGQ
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V+
Power supply
7.5
V
VI
Input voltage range(2)
–0.5
7.5
V
TA
Operating temperature range
–40
125
°C
Tstg
Storage temperature range
–65
150
°C
TJ max
Junction temperature
150
°C
Human Body Model
2000
ESD rating
V
Machine Model
200
(1)
Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input voltage rating applies to all TMP100-Q1 and TMP101-Q1 input voltages.
ELECTRICAL CHARACTERISTICS
at TA = −40°C to 125°C and V+ = 2.7 V to 5.5 V, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Temperature Input
Range
−40
125
°C
−25°C to 85°C
±0.5
±2.0
Accuracy (temperature error)
°C
−40°C to 125°C
±1.0
±3.0
Resolution
Selectable
±0.0625
°C
Digital Input/Output
High-level input logic, VIH
0.7(V+)
6.0
V
Low-level input logic, VIL
−0.5
0.3(V+)
V
Input current, IIN
0 V
≤ VIN ≤ 6 V
1
μA
VOL SDA output logic level
IOL = 3mA
0
0.15
0.4
V
VOL ALERT output logic level
IOL = 4mA
0
0.15
0.4
V
Resolution
Selectable
9 to 12
Bits
9-Bit
40
75
10-Bit
80
150
Conversion time
ms
11-Bit
160
300
12-Bit
320
600
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TMP100-Q1 TMP101-Q1


Podobny numer części - TMP101-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP101-Q1 TI-TMP101-Q1 Datasheet
229Kb / 20P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101-Q1 TI-TMP101-Q1 Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP101-Q1 TI1-TMP101-Q1 Datasheet
414Kb / 29P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
More results

Podobny opis - TMP101-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100 TI-TMP100 Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP100NA250G4 TI-TMP100NA250G4 Datasheet
761Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100-Q1 TI-TMP100-Q1_15 Datasheet
229Kb / 20P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
Silicon Laboratories
SI7057-A10 SILABS-SI7057-A10 Datasheet
1Mb / 23P
   DIGITAL I2C TEMPERATURE SENSOR
Rev. 1.1 4/17
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com