Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1498S Arkusz danych(PDF) 10 Page - Sony Corporation

Numer części CXA1498S
Szczegółowy opis  Recording/Playback Equalizer Amplifier for Stereo Tape Recorder
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1498S Arkusz danych(HTML) 10 Page - Sony Corporation

Back Button CXA1498S Datasheet HTML 5Page - Sony Corporation CXA1498S Datasheet HTML 6Page - Sony Corporation CXA1498S Datasheet HTML 7Page - Sony Corporation CXA1498S Datasheet HTML 8Page - Sony Corporation CXA1498S Datasheet HTML 9Page - Sony Corporation CXA1498S Datasheet HTML 10Page - Sony Corporation CXA1498S Datasheet HTML 11Page - Sony Corporation CXA1498S Datasheet HTML 12Page - Sony Corporation CXA1498S Datasheet HTML 13Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
– 10 –
CXA1498S/M
Notes on Operation
(1) Operation mode control (each mode of recording and playback equalizers)
1: Playback equalizer switching (120µs/70µs)
(Pins 9, 22 and 23)
2: Normal/double speed switching
(Pin 8)
Both playback and recording equalizers are switched in normal/double speed switching.
∗ For double speed, both playback and
recording systems are switched to
double speed characteristics of each
setting mode:
(PB-EQ: 120µs, 70µs)
(REC-EQ: NORMAL, CrO2, METAL)
3: Recording equalizer switching (NORMAL, CrO2, METAL)
(Pins 9 and 10)
(2) Recording mute (REC MUTE: ON/OFF)
(Pin 21)
The recording mute function of the CXA1498S is controlled by a recording mute circuit to vary the electric
volume for recording equalizer amplifier gain by applying the DC voltage to REC MUTE (Pin 21).
DECK A-EQ (Pin 22)
DECK B-EQ (Pin 9)
LH
120µs (A-DECK)
70µs (A-DECK)
Follows B-EQ control.
DECK A/B
(Pin 23)
L
H
LH
Follows A-EQ control.
120µs (B-DECK)
70µs (B-DECK)
Recording mute ON
Attenuation –6dB
2.0V
REC MUTE
Control voltage
GND
≤ VCL ≤ 0.5V
Recording mute OFF
3.5V
≤ VCH ≤ VCC
METAL (Pin 10)
LH
NORMAL (Type-I)
METAL (Type-IV)
CrO2 (Type-II)
METAL (Type-IV)
DECK B-EQ
(Pin 9)
L
H
LH
Normal speed
Double speed
Normal speed
Double speed
Playback EQ
Recording EQ
SPEED Pin 8


Podobny numer części - CXA1498S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1495M SONY-CXA1495M Datasheet
505Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1495P SONY-CXA1495P Datasheet
505Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
More results

Podobny opis - CXA1498S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1898Q SONY-CXA1898Q Datasheet
660Kb / 26P
   Recording/Playback Equalizer Amplifier
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA1998AQ SONY-CXA1998AQ Datasheet
695Kb / 28P
   Recording/Playback Equalizer Amplifier
logo
Sanyo Semicon Device
LA4165M SANYO-LA4165M Datasheet
409Kb / 16P
   Recording/Playback IC for Micro-Cassette Tape Recorder
logo
Panasonic Semiconductor
AN6210 PANASONIC-AN6210 Datasheet
511Kb / 6P
   DUAL RECORDING AND PLAYBACK AMPLIFIER CIRCUIT FOR STEREO TAPE RECORDERS
logo
Sony Corporation
CXA1597M SONY-CXA1597M Datasheet
411Kb / 22P
   Recording Equalizer Amplifier for Stereo Cassette Decks
CXA1495P SONY-CXA1495P Datasheet
505Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1578P SONY-CXA1578P Datasheet
496Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1598M SONY-CXA1598M Datasheet
502Kb / 26P
   Recording Equalizer Amplifier for Stereo Cassette Decks
CXA1579P SONY-CXA1579P Datasheet
494Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com