Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1538N Arkusz danych(PDF) 3 Page - Sony Corporation

Numer części CXA1538N
Szczegółowy opis  FM STEREO/AM RADIO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1538N Arkusz danych(HTML) 3 Page - Sony Corporation

  CXA1538N Datasheet HTML 1Page - Sony Corporation CXA1538N Datasheet HTML 2Page - Sony Corporation CXA1538N Datasheet HTML 3Page - Sony Corporation CXA1538N Datasheet HTML 4Page - Sony Corporation CXA1538N Datasheet HTML 5Page - Sony Corporation CXA1538N Datasheet HTML 6Page - Sony Corporation CXA1538N Datasheet HTML 7Page - Sony Corporation CXA1538N Datasheet HTML 8Page - Sony Corporation CXA1538N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
—3—
CXA1538M/N/S
Pin Voltage (V)
No.
Symbol
VCC=3 V VCC=6 V
Equivalent circuit
Description
FM AM FM AM
11
25
12
13
15
14
16
17
18
20
19
GND
MUTE
TUNE IND
FM IF IN
BAND
SELECT
AM IF IN
FM/AM
FE OUIT
FE GND
FM RF IN
FM RF
AM RF IN
0
0
0
0
0.05 0.01 0.05 0.01
1.6 1.6 4.5 4.5
1.35
0
1.35
0
0
0
0
0
0.57 0.2 0.8 0.2
0
0
0
0
0.3
0
0.3
0
1.25 1.25 1.25 1.25
1.25 1.25 1.25 1.25
11
25
12
33C
3k
13
15
1k
2k
14
AM Block
FM Block
220
16
3p
1k
17
18
20
FE REG
GND
19
GND of FM/AM IF and DET
stage
Time constant for muting
provided
FM/AM tuning indicator drive
circuit
FM IF input pin
FM/AM band switching pin :
AM at GND and FM at OPEN
AM IF input pin
AM/FM IF output pin to
connect with IF filter
GND of FM/AM front end
FM RF amplifier circuit for FM
RF input
FM RF amplifier circuit to
connect to RF tank circuit
AM RF input to connect to bar
antenna


Podobny numer części - CXA1538N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1534Q SONY-CXA1534Q Datasheet
449Kb / 20P
   US AUDIO MULTIPLEXING DECODER IC
CXA1534S SONY-CXA1534S Datasheet
449Kb / 20P
   US AUDIO MULTIPLEXING DECODER IC
CXA1536Q SONY-CXA1536Q Datasheet
308Kb / 16P
   8 mm VCR AFM STEREO MATRIX
More results

Podobny opis - CXA1538N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA5711 PHILIPS-TEA5711 Datasheet
520Kb / 28P
   AM/FM stereo radio circuit
September 1994
TEA5712 PHILIPS-TEA5712 Datasheet
400Kb / 28P
   AM/FM stereo DTS radio circuit
September 1994
logo
Rohm
BA1442A ROHM-BA1442A Datasheet
371Kb / 17P
   AM radio / FM IF stereo system IC
BA1448S ROHM-BA1448S Datasheet
183Kb / 9P
   AM radio / FM IF stereo system IC
BA1451F ROHM-BA1451F Datasheet
134Kb / 8P
   AM radio / FM IF stereo system IC
BA1450S ROHM-BA1450S Datasheet
181Kb / 10P
   AM radio / FM IF stereo system IC
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1619M SONY-CXA1619M Datasheet
298Kb / 12P
   FM/AM Radio
logo
New Japan Radio
NJM2241 NJRC-NJM2241 Datasheet
473Kb / 14P
   AM/FM RADIO
logo
Sony Corporation
CXA1691AM SONY-CXA1691AM Datasheet
191Kb / 11P
   FM/AM Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com