Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPIC1021A-Q1 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części TPIC1021A-Q1
Szczegółowy opis  LIN PHYSICAL INTERFACE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC1021A-Q1 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TPIC1021A-Q1 Datasheet HTML 6Page - Texas Instruments TPIC1021A-Q1 Datasheet HTML 7Page - Texas Instruments TPIC1021A-Q1 Datasheet HTML 8Page - Texas Instruments TPIC1021A-Q1 Datasheet HTML 9Page - Texas Instruments TPIC1021A-Q1 Datasheet HTML 10Page - Texas Instruments TPIC1021A-Q1 Datasheet HTML 11Page - Texas Instruments TPIC1021A-Q1 Datasheet HTML 12Page - Texas Instruments TPIC1021A-Q1 Datasheet HTML 13Page - Texas Instruments TPIC1021A-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ELECTRICAL CHARACTERISTICS
TPIC1021A-Q1
SLIS117A – AUGUST 2007 – REVISED JUNE 2009.......................................................................................................................................................... www.ti.com
VSUP = 7 V to 27 V, TA = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
SUPPLY
Device is operational beyond the LIN 2.0
Operational supply voltage(2)
defined nominal supply line voltage range
7
14
27
of 7 V < VSUP < 18 V
V
Normal and standby modes
7
14
18
Nominal supply line voltage
Sleep mode
7
12
18
VSUP undervoltage threshold
4.5
6.2
Normal mode, EN = High, Bus dominant
(total bus load where RLIN ≥ 500 Ω and
1.2
7.5
mA
CLIN ≤ 10 nF (see Figure 7)
(3), INH = V
SUP,
NWake = VSUP
Standby mode, EN = Low, Bus dominant
(total bus load, where RLIN ≥ 500 Ω and
1
2.1
mA
CLIN ≤ 10 nF (see Figure 7)
(3), INH = V
SUP,
NWake = VSUP
Normal mode, EN = High, Bus recessive,
450
775
ICC
Supply current
LIN = VSUP, INH = VSUP, NWake = VSUP
µA
Standby mode, EN = Low, Bus recessive,
450
775
LIN = VSUP, INH = VSUP, NWake = VSUP
Sleep mode, EN = 0,
7 V < VSUP ≤ 12 V, LIN = VSUP,
15
30
µA
NWake = VSUP
Sleep mode, EN = 0,
12 V < VSUP < 27 V, LIN = VSUP,
50
µA
NWake = VSUP
RXD OUTPUT PIN
VO
Output voltage
–0.3
5.5
V
Low-level output current,
IOL
LIN = 0 V, RXD = 0.4 V
3.5
mA
open drain
IIKG
Leakage current, high-level
LIN = VSUP, RXD = 5 V
–5
0
5
µA
TXD INPUT PIN
VIL
Low-level input voltage
–0.3
0.8
V
VIH
High-level input voltage
2
5.5
Input threshold hysteresis
VIT
30
500
mV
voltage
Pulldown resistor
125
350
800
k
IIL
Low-level input current
TXD = Low
–5
0
5
µA
(1)
Typical values are given for VSUP = 14 V at 25°C, except for low power mode where typical values are given for VSUP = 12 V at 25°C.
(2)
All voltages are defined with respect to ground; positive currents flow into the TPIC1021A device.
(3)
In the dominant state, the supply current increases as the supply voltage increases due to the integrated LIN slave termination
resistance. At higher voltages the majority of supply current is through the termination resistance. The minimum resistance of the LIN
slave termination is 20 k
Ω, so the maximum supply current attributed to the termination is:
ISUP (dom) max termination ≈ (VSUP – (VLIN_Dominant + 0.7 V) / 20 kΩ
10
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): TPIC1021A-Q1


Podobny numer części - TPIC1021A-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
[Old version datasheet]   LIN Physical Interface
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
TPIC1021DG4 TI1-TPIC1021DG4 Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
TPIC1021DR TI1-TPIC1021DR Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
TPIC1021DRG4 TI1-TPIC1021DRG4 Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
More results

Podobny opis - TPIC1021A-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
[Old version datasheet]   LIN Physical Interface
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
logo
Motorola, Inc
MC33661 MOTOROLA-MC33661 Datasheet
377Kb / 20P
   LIN Enhanced Physical Interface
logo
Texas Instruments
SN65HVDA195-Q1 TI1-SN65HVDA195-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   LIN AND MOST ECL PHYSICAL INTERFACE
logo
Freescale Semiconductor...
33399 FREESCALE-33399 Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
logo
NXP Semiconductors
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
logo
Freescale Semiconductor...
MC33662LEF FREESCALE-MC33662LEF Datasheet
577Kb / 31P
   LIN 2.1 / SAEJ2602-2, LIN Physical Layer
MC33663 FREESCALE-MC33663 Datasheet
828Kb / 37P
   LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com