Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1551P Arkusz danych(PDF) 5 Page - Sony Corporation

Numer części CXA1551P
Szczegółowy opis  Dolby B type Noise Reduction System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1551P Arkusz danych(HTML) 5 Page - Sony Corporation

  CXA1551P Datasheet HTML 1Page - Sony Corporation CXA1551P Datasheet HTML 2Page - Sony Corporation CXA1551P Datasheet HTML 3Page - Sony Corporation CXA1551P Datasheet HTML 4Page - Sony Corporation CXA1551P Datasheet HTML 5Page - Sony Corporation CXA1551P Datasheet HTML 6Page - Sony Corporation CXA1551P Datasheet HTML 7Page - Sony Corporation CXA1551P Datasheet HTML 8Page - Sony Corporation CXA1551P Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
—5—
CXA1550P, CXA1551M/P, CXA1552M/P, CXA1553M/P
Electrical Characteristics
Ta=25 °C, Dolby Level: –10 dBm (=245 mVrms) at RECOUT, 0 dBm=775 mVrms, VCC=15 V (CXA1550),
VCC=12 V (CXA1551), VCC=9 V (CXA1552), VCC=6 V (CXA1553) unless otherwise specified
Characteristics
CXA1550
Operating
CXA1551
voltage
CXA1552
CXA1553
CXA1550
Current
CXA1551
consumption
CXA1552
CXA1553
CXA1550
LINE OUT
CXA1551
level
CXA1552
CXA1553
REC IN Level
PB IN Level
(1)
Encode
(2)
characteristics
(3)
(Boost)
(4)
(5)
CXA1550
Signal
CXA1551
handling
CXA1552
CXA1553
CXA1550
CXA1551
Total
CXA1552
harmonic
CXA1553
distortion
CXA1550
CXA1551
CXA1552
CXA1553
Encode S/N ratio
REC-PB
Crosstalk
PB-REC
REC ch to ch
PB ch to ch
REC OUT offset voltage
(NR ON-OFF)
REC
Control
PB
voltage
ON
OFF
×2
Symbol
Vopr
ICC
Vlout
Vrin
Vpin
B-R-1
B-R-2
B-R-3
B-R-4
B-R-5
Vomax
THD
(OFF)
THD
(ON)
SN
(CCIR)
CT-1
CT-2
CT-3
CT-4
Voff
VC-R
VC-P
VC-ON
VC-OFF
VC-
×2
Test Conditions
R/P
REC
REC
REC
REC
REC
REC
REC
REC
REC
REC
R
NR
OFF
OFF
OFF
OFF
ON
ON
ON
ON
ON
OFF
OFF
ON
ON
f (Hz)
1 k
1 k
1 k
500
2 k
5 k
10 k
10 k
1 k
other
Signal
handling
≥12 dB
No signal
–25 dB
–25 dB
–25 dB
–40 dB
0 dB
THD=1 %
Rg=5 k
(CCIR/ARM)
Min.
Typ.
Max.
Unit
11.5
16.0
V
8.5
16.0
V
6.5
16.0
V
5.0
16.0
V
3.5
5.6
7.7
mA
3.5
5.5
7.7
mA
3.5
5.3
7.7
mA
3.5
5.1
7.7
mA
–1.0
0.0
1.0
dBm
–4.0
–3.0
–2.0
dBm
–7.0
–6.0
–5.0
dBm
–11.0
–10.0
–9.0
dBm
–32
–30
–28
dBm
–32
–30
–28
dBm
1.4
2.9
4.4
dB
5.5
7.0
8.5
dB
3.9
5.4
6.9
dB
9.7
10.4
11.9
dB
–1.1
0.4
1.9
dB
13.5
15.3
dB
14.0
15.9
dB
14.0
15.9
dB
13.0
15.0
dB
0.03
0.2
%
0.04
0.2
%
0.05
0.2
%
0.06
0.2
%
0.03
0.3
%
0.04
0.3
%
0.06
0.3
%
0.09
0.3
%
65
69
dB
–82
–65
dB
–81
–60
dB
–70
–60
dB
–70
–60
dB
–40
40
mV
0
0.5
V
2.5
VCC
V
0
0.5
V
2.5
VCC–2.5
V
VCC–05
VCC
V
∗ 0 dB means the level which provides the Dolby level at the recording output in the noise reduction off mode.


Podobny numer części - CXA1551P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Podobny opis - CXA1551P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
12136AF HITACHI-12136AF Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
logo
Sony Corporation
CXA1100P SONY-CXA1100P Datasheet
473Kb / 15P
   DOLBY B TYPE NOISE REDUCTION SYSTEM
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
   DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
   Dolby B-C Type Noise Reduction System
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
   DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
New Japan Radio
NJM2085 NJRC-NJM2085 Datasheet
160Kb / 4P
   PREAMPLIFIER AND DOLBY B TYPE NOISE REDUCTION SYSTEM
logo
NTE Electronics
NTE2000 NTE-NTE2000 Datasheet
82Kb / 2P
   Integrated Circuit Dolby B Type Noise Reduction System
logo
Hitachi Semiconductor
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
   DOLBY B-C TYPE NOISE REDUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com