Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM551V-NL Arkusz danych(PDF) 6 Page - Formosa MS

Numer części FM551V-NL
Szczegółowy opis  500mA Surface Mount Small Signal Schottky Diode-30V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FORMOSA [Formosa MS]
Strona internetowa  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM551V-NL Arkusz danych(HTML) 6 Page - Formosa MS

  FM551V-NL Datasheet HTML 1Page - Formosa MS FM551V-NL Datasheet HTML 2Page - Formosa MS FM551V-NL Datasheet HTML 3Page - Formosa MS FM551V-NL Datasheet HTML 4Page - Formosa MS FM551V-NL Datasheet HTML 5Page - Formosa MS FM551V-NL Datasheet HTML 6Page - Formosa MS FM551V-NL Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page 6
Formosa MS
FM551V-NL
Reel packing
SOD-323F
7"
3,000
4.0
30,000
183*183*123
178
382*262*387
240,000
8.0
PACKAGE
REEL SIZE
REEL
COMPONENT
SPACING
BOX
INNER
BOX
REEL
DIA,
CARTON
SIZE
CARTON
APPROX.
GROSS WEIGHT
(kg)
(pcs)
(m/m)
(m/m)
(m/m)
(pcs)
(m/m)
(pcs)
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-221663
2008/02/10
2009/05/07
B
7
Profile Feature
Soldering Condition
Average ramp-up rate(TL to TP)
<3
/sec
Preheat
o
-Temperature Min(Tsmin)
150 C
o
-Temperature Max(Tsmax)
200 C
-Time(min to max)(ts)
60~120sec
Tsmax to TL
o
-Ramp-upRate
<3 C/sec
Time maintained above:
o
-Temperature(TL)
217 C
-Time(tL)
60~260sec
o
o
Peak Temperature(TP)
255 C-0/+5 C
o
Time within 5 C of actual Peak
Temperature(tP)
o
Ramp-down Rate
<6 C/sec
o
Time 25 C to Peak Temperature
<6minutes
oC
3.Reflow soldering
10~30sec
1.Storage environment: Temperature=5
~40
Humidity=55%±25%
2.Reflow soldering of surface-mount devices
o
o
C
C
Suggested thermal profiles for soldering processes
Critical Zone
TL to TP
TL
Tsmax
Tsmin
Ramp-up
Tp
tS
Preheat
o
t25 C to Peak
Time
25
TL
TP
Ramp-down
Small Signal Schottky Diode


Podobny numer części - FM551V-NL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Formosa MS
FM550 FORMOSA-FM550 Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
Rectron Semiconductor
FM550 RECTRON-FM550 Datasheet
404Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
FM550 RECTRON-FM550 Datasheet
326Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Frontier Electronics.
FM550 FRONTIER-FM550 Datasheet
636Kb / 3P
   5A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
logo
Formosa MS
FM550-B FORMOSA-FM550-B Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Podobny opis - FM551V-NL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Formosa MS
FM723-NL FORMOSA-FM723-NL Datasheet
91Kb / 7P
   200mA Surface Mount Small Signal Schottky Diode-30V
RB520G FORMOSA-RB520G_10 Datasheet
171Kb / 7P
   100mA Surface Mount Small Signal Schottky Diode- 30V
logo
Chip Integration Techno...
RB551V CITC-RB551V Datasheet
459Kb / 3P
   500mA Surface Mount Small Signal Diodes
logo
Formosa MS
BAT42WS FORMOSA-BAT42WS_10 Datasheet
93Kb / 7P
   200mA Surface Mount Small Signal Schottky Diodes-30V
RB521S FORMOSA-RB521S_10 Datasheet
110Kb / 7P
   200mA Surface Mount Small Signal Schottky Diodes-30V
BAT54WS FORMOSA-BAT54WS_11 Datasheet
102Kb / 7P
   200mA Surface Mount Small Signal Schottky Diodes-30V
RB520S FORMOSA-RB520S Datasheet
118Kb / 7P
   200mA Surface Mount Small Signal Schottky Diodes-30V
logo
Rohm
RJK005N03FRA ROHM-RJK005N03FRA Datasheet
776Kb / 8P
   Nch 30V 500mA Small Signal MOSFET
logo
SUNMATE electronic Co.,...
BAT49 SUNMATE-BAT49 Datasheet
213Kb / 3P
   500mA Axial Leaded Small Signal Schottky Diode
logo
Silicon Standard Corp.
BAS86 SSC-BAS86 Datasheet
322Kb / 2P
   0.2A Surface-mount Small-signal Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com