Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPIC71004-Q1 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części TPIC71004-Q1
Szczegółowy opis  Quad-Channel Driver for Airbag Deployment
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC71004-Q1 Arkusz danych(HTML) 1 Page - Texas Instruments

  TPIC71004-Q1 Datasheet HTML 1Page - Texas Instruments TPIC71004-Q1 Datasheet HTML 2Page - Texas Instruments TPIC71004-Q1 Datasheet HTML 3Page - Texas Instruments TPIC71004-Q1 Datasheet HTML 4Page - Texas Instruments TPIC71004-Q1 Datasheet HTML 5Page - Texas Instruments TPIC71004-Q1 Datasheet HTML 6Page - Texas Instruments TPIC71004-Q1 Datasheet HTML 7Page - Texas Instruments TPIC71004-Q1 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RESET_N
SPI/
Digital
BIAS
DIAG
VZ3
Z3
ZM3
GND3
DGND2
SOMI
SCLK
TZ0
VDDIO
CS_N
SIMO
AGND
VA1
TEST4
NC
GND2
ZM2
Z2
VZ2
NC
NC
NC
NC
VZ0
Z0
ZM0
GND0
TEST
VCC5
AMX_OUT
AGND1
SQREF2
SQREF1
DGND1
IWD
VADC
TEST2
VA2
TEST3
GND1
ZM1
Z1
VZ1
NC
NC
NC
NC
48
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
1
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
TPIC71004-Q1
www.ti.com
SLVSAT2
– FEBRUARY 2011
Quad-Channel Driver for Airbag Deployment
Check for Samples: TPIC71004-Q1
1
FEATURES
An External Pin Connection to the
Microprocessor ADC Supply for Ratio-metric
2
Quad-Channel Squib Drivers for Airbag
Squib Resistance Measurement
Application
40-V Pin Capability on All Pins (Except GNDx,
Loop Diagnostics Monitor and Reporting
AGND, DGND, VCC5, VDDIO, AMX_OUT)
Two Logic Inputs Providing Independent
Operating Ambient Temperature Range:
–40°C
Safety Logic for Enabling/Disabling
to 105
°C
Deployment
Thermally Enhanced 48-Pin TSSOP DCA
Four Independent Thermally Protected
PowerPad
™ Package
High-Side Drivers That can Source
Deployment or Diagnostic Current Level to
APPLICATIONS
Each Squib Load
Squib Drivers for Airbag Application
Four Independent Avalanche Voltage and
Thermally Protected Low-Side Drivers That
Can Sink Deployment or Diagnostic Current
Level From Each Squib Load
Each Output Capable of 1.2 A/1.75 A Firing
Current for Typical 2 ms/0.5 ms
SPI Slave Interface for Serial Bus
Communication with Parity Check
Firing VZx Voltage Range 10 V to 35 V,
Transients up to 40 V
Programmable Firing Time up to 8.2 ms
Common Load Current Settings for All
Deployment Loops, Using Registers
Individual Firing Current Timer Limit Set for
Each Deployment Loop, Using Registers
Firing Current Timer to Monitor Firing Current
Over Deployment Time for Each Deployment
Loop
Independent Switch Control for Both High- and
Low-Side Switches
Diagnostic Mode for Fault Checking
Internal Fault Monitoring for Safe Operation
A Multiplex-able Output Buffer for Analog
Voltage Measurements
Use of External Clamping devices on Squib
Pins is Not Required to Protect the
Deployment ASIC Against Substrate Injection
Effects During Deployment Due to Dynamic
Shorts to Ground
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPad is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - TPIC71004-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC71002-Q1 TI1-TPIC71002-Q1 Datasheet
370Kb / 8P
[Old version datasheet]   Dual Channel Squib Drivers
TPIC71002TDCAQ1 TI1-TPIC71002TDCAQ1 Datasheet
370Kb / 8P
[Old version datasheet]   Dual Channel Squib Drivers
TPIC71002TDCARQ1 TI1-TPIC71002TDCARQ1 Datasheet
370Kb / 8P
[Old version datasheet]   Dual Channel Squib Drivers
TPIC71008-Q1 TI1-TPIC71008-Q1 Datasheet
556Kb / 10P
[Old version datasheet]   Eight-Channel Squib Drivers
TPIC71008TDCARQ1 TI1-TPIC71008TDCARQ1 Datasheet
556Kb / 10P
[Old version datasheet]   Eight-Channel Squib Drivers
More results

Podobny opis - TPIC71004-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CS2082 ONSEMI-CS2082 Datasheet
91Kb / 12P
   Dual Airbag Deployment ASIC
July, 2001 ??Rev. 7
logo
STMicroelectronics
VNQ5E160K-E STMICROELECTRONICS-VNQ5E160K-E_09 Datasheet
606Kb / 34P
   Quad channel high side driver for automotive applications
VNQ5160KTR-E STMICROELECTRONICS-VNQ5160KTR-E Datasheet
469Kb / 30P
   Quad channel high side driver for automotive applications
VNQ5E160K-E STMICROELECTRONICS-VNQ5E160K-E Datasheet
798Kb / 34P
   Quad channel high side driver for automotive applications
VNQ5050K-E STMICROELECTRONICS-VNQ5050K-E Datasheet
108Kb / 13P
   QUAD CHANNEL HIGH SIDE DRIVER FOR AUTOMOTIVE APPLICATIONS
VNQ5160K-E STMICROELECTRONICS-VNQ5160K-E Datasheet
474Kb / 30P
   Quad channel high side driver for automotive applications
VNQ5E050K-E STMICROELECTRONICS-VNQ5E050K-E Datasheet
602Kb / 34P
   Quad channel high side driver for automotive applications
logo
Infineon Technologies A...
TLE7729 INFINEON-TLE7729 Datasheet
187Kb / 2P
   4 Channel Airbag Satellite Receiver IC SatRICTM
logo
STMicroelectronics
L9691 STMICROELECTRONICS-L9691 Datasheet
1Mb / 24P
   Automotive 16 channels chip for advanced airbag applications
September 2022 Rev 2
logo
List of Unclassifed Man...
S5620 ETC2-S5620 Datasheet
1Mb / 2P
   Single-socket server implementation for CSP deployment
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com