Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1552M Arkusz danych(PDF) 10 Page - Sony Corporation

Numer części CXA1552M
Szczegółowy opis  Dolby B type Noise Reduction System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1552M Arkusz danych(HTML) 10 Page - Sony Corporation

Back Button CXA1552M Datasheet HTML 6Page - Sony Corporation CXA1552M Datasheet HTML 7Page - Sony Corporation CXA1552M Datasheet HTML 8Page - Sony Corporation CXA1552M Datasheet HTML 9Page - Sony Corporation CXA1552M Datasheet HTML 10Page - Sony Corporation CXA1552M Datasheet HTML 11Page - Sony Corporation CXA1552M Datasheet HTML 12Page - Sony Corporation CXA1552M Datasheet HTML 13Page - Sony Corporation CXA1552M Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
—10—
CXA1550P, CXA1551M/P, CXA1552M/P, CXA1553M/P
5) MPX filter termination and C1 for VCC/2 (Pin 4)
The MPX (multiplex) filter termination method shown in Fig. 1 allows saving the coupling capacitors
between the buffer amplifiers and MPX filters. However, the channel to channel separation and REC to PB
crosstalk of low frequency signals will be degraded by the termination resistor RT. For example, 5 k
Ω of R1
will degrade the channel to channel separation to 50 dB. Better separation can be obtained by increasing
the capacitance of C1 (Pin 4) to 220 µF or 470 µF.
The allowable minimum value of C1 is 47 µF, and 100 µF is the standard recommended value. Larger
values of C1 are generally desirable in order to improve the crosstalk and ripple rejection ratio.
6) Application for dubbing cassette decks
The CXA1550 series generates non decoded signal at the recoding output in the playback (decode) mode,
and can simplify the structure of dubbing decks. See the Sony’ Dolby B/C type IC (CX20187/CXA1097Q or
CX20188/CXA1098Q) data sheet in detail.
Fig. 1
1
2
3
4
13
14
15
16
CXA1550 Series
C1
470
µ
C21
4.7
µ
C11
4.7
µ
RT
RT
Line
Input
Line
Input
Buffer
Buffer
MPX
Filter
MPX
Filter


Podobny numer części - CXA1552M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Podobny opis - CXA1552M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
12136AF HITACHI-12136AF Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
logo
Sony Corporation
CXA1100P SONY-CXA1100P Datasheet
473Kb / 15P
   DOLBY B TYPE NOISE REDUCTION SYSTEM
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
   DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
   Dolby B-C Type Noise Reduction System
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
   DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
New Japan Radio
NJM2085 NJRC-NJM2085 Datasheet
160Kb / 4P
   PREAMPLIFIER AND DOLBY B TYPE NOISE REDUCTION SYSTEM
logo
NTE Electronics
NTE2000 NTE-NTE2000 Datasheet
82Kb / 2P
   Integrated Circuit Dolby B Type Noise Reduction System
logo
Hitachi Semiconductor
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
   DOLBY B-C TYPE NOISE REDUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com