Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1598M Arkusz danych(PDF) 7 Page - Sony Corporation

Numer części CXA1598M
Szczegółowy opis  Recording Equalizer Amplifier for Stereo Cassette Decks
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1598M Arkusz danych(HTML) 7 Page - Sony Corporation

Back Button CXA1598M Datasheet HTML 3Page - Sony Corporation CXA1598M Datasheet HTML 4Page - Sony Corporation CXA1598M Datasheet HTML 5Page - Sony Corporation CXA1598M Datasheet HTML 6Page - Sony Corporation CXA1598M Datasheet HTML 7Page - Sony Corporation CXA1598M Datasheet HTML 8Page - Sony Corporation CXA1598M Datasheet HTML 9Page - Sony Corporation CXA1598M Datasheet HTML 10Page - Sony Corporation CXA1598M Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
– 7 –
CXA1598M/S
Electrical Characteristics
(Ta = 25°C, VCC = 7.0V, VEE = –7.0V)
Standard settings
RGL: 36k//510k, RGH: 62k//220k,
RGP: 36k//110k, RfM: 39k//910k,
Rf/Q: 47k//750k, RfxQ: 47k//620k
Recording equalizer amplifier reference output level
(315Hz)
(This output level is the tape reference 0dB which
generates magnetic flux of 250nWb/m.)
Input level when the reference output level is 315Hz,
–3.0dBv
(For measurement, input a 315Hz, –18.0dBv signal to the
REC IN pins and then measure the output level.)
Input a 1kHz signal and set the output so that THD (total
harmonic distortion) is 1%. RL = 2.7k
Ω (Measure the
distortion of a +11dB level-up signal.)
Input a 1kHz, 0.0dB (reference input level) signal and
measure the distortion. RL = 2.7k
(Measure the distortion as THD + N.)
With no signal, measure the noise using the "A"-WGT
filter. Rg = 5.1k
Ω (The measured value is indicated
as the relative value compared to the reference level.)
With no signal, measure the DC offset voltage of the
REC OUT pin.
REC-MUTE = 0.5V (Use a 1kHz BPF.)
Input a 1kHz signal (+12dB level up) and measure the
attenuation when REC MUTE is on.
REC-MUTE = 2.5V
Input a 1kHz, 0.0dB (reference level) signal and measure
the attenuation characteristics of the soft mute function.
REC-CAL = 5.0V
Input a 315Hz signal (–20dB level down) and measure
the amount of change compared to when the REC-CAL
function is at the standard setting.
REC-CAL = 0.0V
Input a 315Hz signal (–20dB level down) and measure
the amount of change compared to when the REC-CAL
function is at the standard setting.
10.0
±6.5
10.0
–19.8
11.0
57.0
–500
–6.0
5.0
–7.5
13.6
±7.0
14.0
–3.0
–18.3
11.5
0.12
65.0
0
–100
–4.5
6.0
–6.5
17.4
±8.0
16.0
–16.8
0.6
500
–80
–3.0
7.0
–5.5
mA
V
V
dBv
dBv
dB
%
dB
mV
dB
dB
dB
dB
Current consumption (ICC)
Operating voltage range 1
(positive/negative dual power
supplies)
Operating voltage range 2
(single power supply)
Recording reference output
level
Recording reference input level
Signal handling
(1kHz, THD = 1%, RL = 2.7k
Ω)
Total harmonic distortion
(1kHz, 0.0dB, RL = 2.7k
Ω)
S/N ratio
("A"-WGT filter)
Output DC offset voltage
(REC OUT pin)
Mute characteristics 1
(REC-MUTE = 0.5V)
Mute characteristics 2
(REC-MUTE = 2.5V)
REC-CAL characteristics 1
(REC-CAL = 5.0V)
REC-CAL characteristics 2
(REC-CAL = 0.0V)
Item
Conditions
Min.
Typ.
Max. Unit


Podobny numer części - CXA1598M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1592 SONY-CXA1592 Datasheet
580Kb / 23P
   Encoder for CCD Color Camera
CXA1592Q SONY-CXA1592Q Datasheet
580Kb / 23P
   Encoder for CCD Color Camera
CXA1592R SONY-CXA1592R Datasheet
580Kb / 23P
   Encoder for CCD Color Camera
CXA1594 SONY-CXA1594 Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
logo
List of Unclassifed Man...
CXA1594 ETC2-CXA1594 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Podobny opis - CXA1598M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1579P SONY-CXA1579P Datasheet
494Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1597M SONY-CXA1597M Datasheet
411Kb / 22P
   Recording Equalizer Amplifier for Stereo Cassette Decks
CXA1495P SONY-CXA1495P Datasheet
505Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1578P SONY-CXA1578P Datasheet
496Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1198AP SONY-CXA1198AP Datasheet
283Kb / 13P
   STEREO CASSETTE DECK RECORDING EQUALIZER
CXA1398P SONY-CXA1398P Datasheet
526Kb / 20P
   RECORDING EQUALIZER IC FOR STEREO CASSETTE DECK
CXA1498S SONY-CXA1498S Datasheet
378Kb / 13P
   Recording/Playback Equalizer Amplifier for Stereo Tape Recorder
CXA1898Q SONY-CXA1898Q Datasheet
660Kb / 26P
   Recording/Playback Equalizer Amplifier
logo
Panasonic Semiconductor
AN7353S PANASONIC-AN7353S Datasheet
46Kb / 3P
   Record Equalizer Amp. for Stereo Cassette Deck
logo
Sony Corporation
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com