Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

YW80L186EB16 Arkusz danych(PDF) 8 Page - InnovASIC, Inc

Numer części YW80L186EB16
Szczegółowy opis  8-Bit/16-Bit Microcontrollers
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INNOVASIC [InnovASIC, Inc]
Strona internetowa  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

YW80L186EB16 Arkusz danych(HTML) 8 Page - InnovASIC, Inc

Back Button YW80L186EB16 Datasheet HTML 4Page - InnovASIC, Inc YW80L186EB16 Datasheet HTML 5Page - InnovASIC, Inc YW80L186EB16 Datasheet HTML 6Page - InnovASIC, Inc YW80L186EB16 Datasheet HTML 7Page - InnovASIC, Inc YW80L186EB16 Datasheet HTML 8Page - InnovASIC, Inc YW80L186EB16 Datasheet HTML 9Page - InnovASIC, Inc YW80L186EB16 Datasheet HTML 10Page - InnovASIC, Inc YW80L186EB16 Datasheet HTML 11Page - InnovASIC, Inc YW80L186EB16 Datasheet HTML 12Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
IA186EB/IA188EB
Data Sheet
8-Bit/16-Bit Microcontrollers
July 10, 2011
IA211080314-13
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 8 of 85
1-888-824-4184
1.2
Features
The primary features of the IA186EB and IA188EB microcontrollers are as follows:
Low-Power Operating Modes
– Idle (freezes CPU clocks; peripherals are kept active)
– Power-Down (freezes all internal clocks)
Low-Power CPU Core (static)
Direct Addressing Capability
– Memory: 1 Mbyte
– I/O: 64 Kbyte
I/O Ports
– 2 each, 8-Bit
– Multiplexed
Clock Generator
Chip Selects
– 10 each, Programmable
– Integral Wait-State Generator
Memory Refresh Control Unit
Interrupt Controller, Programmable
Counter/Timers
– 3 each, 16-Bit
– Programmable
Serial Channels
– 2 each, UARTs
– Integral Baud Rate Generator
Operating Frequency (system clock input)
– 50 MHz @ 5V
– 32 MHz @ 3.3V
Chapter 4, Functional Description, provides details of the IA186EB and IA188EB
microcontrollers, including the features listed above.


Podobny numer części - YW80L186EB16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intel Corporation
YW80C196NU40 INTEL-YW80C196NU40 Datasheet
331Kb / 43P
   8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
YW80C196NU50 INTEL-YW80C196NU50 Datasheet
331Kb / 43P
   8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
More results

Podobny opis - YW80L186EB16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
InnovASIC, Inc
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
IA188EBPLC84IR2 INNOVASIC-IA188EBPLC84IR2 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_04 Datasheet
2Mb / 133P
   8/16-Bit Microcontrollers
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
   16-Bit/8-Bit Microcontrollers with RAM
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com