Zakładka z wyszukiwarką danych komponentów |
|
SN74BCT29833 Arkusz danych(PDF) 1 Page - Texas Instruments |
|
SN74BCT29833 Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 7 page DW OR NT PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 OEA A1 A2 A3 A4 A5 A6 A7 A8 ERR CLR GND VCC B1 B2 B3 B4 B5 B6 B7 B8 PARITY OEB CLK SN74BCT29833 8BIT TO 9BIT PARITY BUS TRANSCEIVER SCBS003C − SEPTEMBER 1987 − REVISED NOVEMBER 1993 Copyright 1993, Texas Instruments Incorporated 2−1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 • BiCMOS Process With TTL Inputs and Outputs • BiCMOS Design Reduces Standby Current • Flow-Through Pinout (All Inputs on Opposite Side From Outputs) • Functionally Equivalent to SN74ALS29833 and AMD Am29833 • High-Speed Bus Transceiver With Parity Generator / Checker • Parity-Error Flag With Open-Collector Output • Available Register For Storage of the Parity-Error Flag • Package Options Include Plastic Small-Outline (DW) Packages and Standard Plastic 300-mil DIPs (NT) description The SN74BCT29833 is an 8-bit to 9-bit parity transceiver designed for asynchronous communication between data buses. When data is transmitted from the A to B bus, a parity bit is generated. When data is transmitted from the B to A bus with its corresponding parity bit, the parity-error (ERR) output will indicate whether or not an error in the B data has occurred. The output-enable (OEA, OEB) inputs can be used to disable the device so that the buses are effectively isolated. A 9-bit parity generator/ checker generates a parity-odd (PARITY) output and monitors the parity of the I/O ports with an open-collector parity-error (ERR) flag. ERR is clocked into the register on the rising edge of the CLK input. The error flag register is cleared with a low pulse on the clear (CLR) input. When both OEA and OEB are low, data is transferred from the A bus to the B bus and inverted parity is generated. Inverted parity is a forced error condition which gives the designer more system diagnostic capability. The SN74BCT29833 provides true logic. The SN74BCT29833 is characterized for operation from 0 °C to 70°C. FUNCTION TABLE INPUTS OUTPUT AND I/O OEB OEA CLR CLK Ai ∑ of H’s Bi† ∑ of H’s A B PARITY ERR‡ FUNCTION L H X X Odd Even NA NA A L H NA A data to B bus and generate parity H L H ↑ NA Odd Even B NA NA H L B data to A bus and check parity X X L X X X X NA NA H Clear error-flag register H H H L H H No ↑ No ↑ ↑ ↑ X X Odd Even X Z Z Z NC H H L Isolation§ L L X X Odd Even NA NA A H L NA A data to B bus and generate inverted parity NA = not applicable, NC = no change, X = don’t care † Summation of high-level inputs includes PARITY along with Bi inputs. ‡ Output states shown assume the ERR output was previously high. § In this mode, the ERR output, when enabled, shows inverted parity of the A bus. PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Podobny numer części - SN74BCT29833 |
|
Podobny opis - SN74BCT29833 |