Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74HC02QPWRQ1 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74HC02QPWRQ1
Szczegółowy opis  QUADRUPLE 2-INPUT POSITIVE-NOR GATE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC02QPWRQ1 Arkusz danych(HTML) 4 Page - Texas Instruments

  SN74HC02QPWRQ1 Datasheet HTML 1Page - Texas Instruments SN74HC02QPWRQ1 Datasheet HTML 2Page - Texas Instruments SN74HC02QPWRQ1 Datasheet HTML 3Page - Texas Instruments SN74HC02QPWRQ1 Datasheet HTML 4Page - Texas Instruments SN74HC02QPWRQ1 Datasheet HTML 5Page - Texas Instruments SN74HC02QPWRQ1 Datasheet HTML 6Page - Texas Instruments SN74HC02QPWRQ1 Datasheet HTML 7Page - Texas Instruments SN74HC02QPWRQ1 Datasheet HTML 8Page - Texas Instruments SN74HC02QPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN74HC02-Q1
QUADRUPLE 2-INPUT POSITIVE-NOR GATE
SCLS530A − AUGUST 2003 − REVISED 2008
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORM
INPUT RISE AND FALL TIMES
50%
50%
10%
10%
90%
90%
VCC
0 V
tr
tf
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT TRANSITION TIMES
50%
50%
50%
10%
10%
90%
90%
VCC
VOH
VOL
0 V
tr
tf
Input
In-Phase
Output
50%
tPLH
tPHL
50%
50%
10%
10%
90%
90%
VOH
VOL
tr
tf
tPHL
tPLH
Out-of-Phase
Output
Test
Point
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
NOTES: A. CL includes probe and test-fixture capacitance.
B. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following
characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
C. The outputs are measured one at a time with one input transition per measurement.
D. tPLH and tPHL are the same as tpd.
Figure 1. Load Circuit and Voltage Waveforms


Podobny numer części - SN74HC02QPWRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74HC02QPWREP TI1-SN74HC02QPWREP Datasheet
492Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATE
More results

Podobny opis - SN74HC02QPWRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74HC02-EP TI1-SN74HC02-EP Datasheet
492Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATE
SN74LVC02A-EP TI1-SN74LVC02A-EP Datasheet
473Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATE
SN74AUC02 TI-SN74AUC02 Datasheet
166Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATE
SN74LVC02A-Q1 TI1-SN74LVC02A-Q1 Datasheet
236Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATE
logo
Aeroflex Circuit Techno...
UT54ACS02E AEROFLEX-UT54ACS02E Datasheet
130Kb / 11P
   Quadruple 2-Input NOR Gate
logo
NXP Semiconductors
HEF4001B PHILIPS-HEF4001B Datasheet
25Kb / 3P
   Quadruple 2-input NOR gate
January 1995
HEF4001UB PHILIPS-HEF4001UB Datasheet
134Kb / 8P
   Quadruple 2-input NOR gate
January 1995
HEC4001 PHILIPS-HEC4001 Datasheet
29Kb / 3P
   Quadruple 2-input NOR gate
January 1995
logo
Hitachi Semiconductor
HD14001BP HITACHI-HD14001BP Datasheet
62Kb / 6P
   QUADRUPLE 2 INPUT NOR GATE
logo
Texas Instruments
SN54ALS1002A TI-SN54ALS1002A Datasheet
43Kb / 3P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com