Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1779 Arkusz danych(PDF) 7 Page - Sony Corporation

Numer części CXA1779
Szczegółowy opis  Predriver for High Resolution Computer Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1779 Arkusz danych(HTML) 7 Page - Sony Corporation

Back Button CXA1779 Datasheet HTML 2Page - Sony Corporation CXA1779 Datasheet HTML 3Page - Sony Corporation CXA1779 Datasheet HTML 4Page - Sony Corporation CXA1779 Datasheet HTML 5Page - Sony Corporation CXA1779 Datasheet HTML 6Page - Sony Corporation CXA1779 Datasheet HTML 7Page - Sony Corporation CXA1779 Datasheet HTML 8Page - Sony Corporation CXA1779 Datasheet HTML 9Page - Sony Corporation CXA1779 Datasheet HTML 10Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
– 7 –
CXA1779P
Description of Operation
1. Contrast control
The contrast for RGB IN (Pins 2, 5 and 8) input signals is adjusted using a DC externally input to the PIX
pin (Pin 12). In addition, the contrast for each RGB channel can be adjusted independently using a DC
externally input to the DRV pins (Pins 3, 6 and 9). (See Graphs 1 and 2.)
2. Pedestal clamp and brightness control
The pedestal clamp clamps the pedestal level when the CLP pin (Pin 14) is high. The RGB IN pin voltage at
the pedestal is approximately 3.2V when the pedestal is clamped. The CLP pin threshold level is 3V for VH
and 1.5V for VL. (See Fig. 2.)
Using a DC externally input to the R, G and B BRT pins (Pins 26, 22 and 18), the brightness control
samples and holds the pedestal with the capacitance connected to the RGB SH pins (Pins 27, 23 and 19)
when the CLP pin (Pin 14) is high, thereby adjusting the pedestal level of the R, G and B channels. (See
Graph 3.)
3. Blanking additional function
Output is blanked when the BLK pin (Pin 16) is high. The BLK pin threshold level is 3V for VH and 1.5V for
VL. See the Example of Input/Output Signals for output signal levels. The output signal is 0.3V during the
blanking interval. (See Figs. 4 and 5.)


Podobny numer części - CXA1779

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CXA1774S ETC2-CXA1774S Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Sony Corporation
CXA1777N SONY-CXA1777N Datasheet
129Kb / 7P
   WIDE BAND DIFFERENTIAL AMPLIFIER
More results

Podobny opis - CXA1779

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BH7659S ROHM-BH7659S Datasheet
130Kb / 13P
   Input selector for high resolution displays
logo
Sony Corporation
CXA2066S SONY-CXA2066S Datasheet
196Kb / 21P
   Preamplifier for High Resolution Computer Display
CXA2153S SONY-CXA2153S Datasheet
187Kb / 24P
   Preamplifier for High Resolution Computer Display
CXA2055P SONY-CXA2055P Datasheet
295Kb / 20P
   Preamplifier for High Resolution Computer Display
CXA2067S SONY-CXA2067S Datasheet
204Kb / 18P
   Preamplifier for High-Resolution Computer Display
CXA2067AS SONY-CXA2067AS Datasheet
211Kb / 18P
   Preamplifier for High-Resolution Computer Display
CXA1709P SONY-CXA1709P Datasheet
154Kb / 9P
   PRE-DRIVER FOR ULTRA-HIGH RESOLUTION COMPUTER DISPLAY
logo
Aven, Inc.
26700-401 AVEN-26700-401 Datasheet
2Mb / 1P
   High Resolution Inspection, No Computer Required.
logo
List of Unclassifed Man...
TDA8432 ETC1-TDA8432 Datasheet
259Kb / 5P
   COMPUTER-CONTROLLED DEFLECTION PROCESSOR FOR VIDEO DISPLAYS
logo
Sanyo Semicon Device
VPA15 SANYO-VPA15 Datasheet
210Kb / 5P
   VIDEO PACK, VIDEO OUTPUT AMPLIFIER FOR HIGH-RESOLUTION CRT DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com