Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1785 Arkusz danych(PDF) 9 Page - Sony Corporation

Numer części CXA1785
Szczegółowy opis  US Audio Multiplexing Decoder
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1785 Arkusz danych(HTML) 9 Page - Sony Corporation

Back Button CXA1785 Datasheet HTML 5Page - Sony Corporation CXA1785 Datasheet HTML 6Page - Sony Corporation CXA1785 Datasheet HTML 7Page - Sony Corporation CXA1785 Datasheet HTML 8Page - Sony Corporation CXA1785 Datasheet HTML 9Page - Sony Corporation CXA1785 Datasheet HTML 10Page - Sony Corporation CXA1785 Datasheet HTML 11Page - Sony Corporation CXA1785 Datasheet HTML 12Page - Sony Corporation CXA1785 Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
—9—
CXA1785AR
Power supply connection.
Connect a resistance between
this pin and GND; the outflow
current value adjusts the
internal filters. Connect 18 k
for both NTSC and PAL.
The following conditions apply
to the resistance connected:
Allowable difference in
resistance: ±2 %
Temperature characteristics:
±200 ppm
Clamps the luminance signal
pedestal level.
Use a low-leakage capacitor
because this pin has high
impedance.
Connects AGC detection filter
of luminance signal.
Outputs the voltage detected
by the AGC detection circuit of
luminance signal.
When the AGC amplifier gain
is high, the output voltage is
high.
Adjusts frequency response of
luminance signal. Decreasing
the voltage emphasizes
contours.
GND
VCC1
VEE
44
GND
VCC1
VEE
45
GND
VCC1
VEE
46
VCC1
GND
VEE
47
GND
VCC1
VEE
48
43
VCC1
44
F ADJ
1.2V
45
CLAMP
46
AGC
FILTER
47
AGC OUT
48
PICTURE
Pin No.
Symbol
Pin voltage
Equivalent circuit
Description


Podobny numer części - CXA1785

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1782 SONY-CXA1782 Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1782BQ SONY-CXA1782BQ Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782BR SONY-CXA1782BR Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1782CR SONY-CXA1782CR Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
More results

Podobny opis - CXA1785

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA2149Q SONY-CXA2149Q Datasheet
300Kb / 25P
   US Audio Multiplexing Decoder
CXA2054S SONY-CXA2054S Datasheet
514Kb / 38P
   US Audio Multiplexing Decoder
CXA1734S SONY-CXA1734S Datasheet
471Kb / 30P
   US Audio Multiplexing Decoder
CXA2104S SONY-CXA2104S Datasheet
331Kb / 28P
   US Audio Multiplexing Decoder
CXA2174S SONY-CXA2174S Datasheet
310Kb / 29P
   US Audio Multiplexing Decoder
CXA2074Q SONY-CXA2074Q Datasheet
513Kb / 38P
   US Audio Multiplexing Decoder
CXA2094Q SONY-CXA2094Q Datasheet
386Kb / 31P
   US Audio Multiplexing Decoder
CXA2134Q SONY-CXA2134Q Datasheet
433Kb / 35P
   US Audio Multiplexing Decoder
CXA1784AS SONY-CXA1784AS Datasheet
724Kb / 38P
   US Audio Multiplexing Decoder
CXA2064M SONY-CXA2064M Datasheet
297Kb / 21P
   US Audio Multiplexing Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com